Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3DE Datasheet(PDF) 30 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 26Page - STMicroelectronics LIS3DE Datasheet HTML 27Page - STMicroelectronics LIS3DE Datasheet HTML 28Page - STMicroelectronics LIS3DE Datasheet HTML 29Page - STMicroelectronics LIS3DE Datasheet HTML 30Page - STMicroelectronics LIS3DE Datasheet HTML 31Page - STMicroelectronics LIS3DE Datasheet HTML 32Page - STMicroelectronics LIS3DE Datasheet HTML 33Page - STMicroelectronics LIS3DE Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Register description
LIS3DE
30/46
DocID023719 Rev 3
8.5
INT_COUNTER_REG (0Eh)
INT2 pin counter. This register can be reset by reading the REFERENCE (26h) register.
8.6
WHO_AM_I (0Fh)
Device identification register.
8.7
TEMP_CFG_REG (1Fh)
8.8
CTRL_REG1 (20h)
Table 20. INT_COUNTER_REG register
IC7
IC6
IC5
IC4
IC3
IC2
IC1
IC0
Table 21. WHO_AM_I register
00110011
Table 22. TEMP_CFG_REG register
ADC_PD
TEMP_EN
0
00000
Table 23. TEMP_CFG_REG register description
ADC_PD
ADC enable. Default value: 0
(0: ADC disabled; 1: ADC enabled)
TEMP_EN
Temperature sensor (T) enable. Default value: 0
(0: T disabled; 1: T enabled)
Table 24. CTRL_REG1 register
ODR3
ODR2
ODR1
ODR0
LPen
Zen
Yen
Xen
Table 25. CTRL_REG1 register description
ODR [3:0]
Data rate selection. Default value: 00
(0000: 50 Hz; Others: Refer to Table 26)3
LPen
Low-power mode enable. Default value: 0
(0: Normal mode, 1: Low-power mode)
Zen
Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
Yen
Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
Xen
X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com