Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3DE Datasheet(PDF) 33 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 29Page - STMicroelectronics LIS3DE Datasheet HTML 30Page - STMicroelectronics LIS3DE Datasheet HTML 31Page - STMicroelectronics LIS3DE Datasheet HTML 32Page - STMicroelectronics LIS3DE Datasheet HTML 33Page - STMicroelectronics LIS3DE Datasheet HTML 34Page - STMicroelectronics LIS3DE Datasheet HTML 35Page - STMicroelectronics LIS3DE Datasheet HTML 36Page - STMicroelectronics LIS3DE Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DocID023719 Rev 3
33/46
LIS3DE
Register description
46
8.12
CTRL_REG5 (24h)
8.13
CTRL_REG6 (25h)
Table 35. CTRL_REG5 register
BOOT
FIFO_EN
--
--
LIR_IG1
D4D_IG1
LIR_IG2
D4D_IG2
Table 36. CTRL_REG5 register description
BOOT
Reboot memory content. Default value: 0
(0: Normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO enable)
LIR_IG1
Latch interrupt request on IG1_SOURCE register, with IG1_SOURCE register
cleared by reading IG1_SOURCE itself. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
D4D_IG1
4D enable: 4D detection is enabled on INT1 when 6D bit on IG1_CFG is set to ‘1’
LIR_IG2
Latch interrupt request on IG2_SOURCE register, with IG2_SOURCE register
cleared by reading IG2_SOURCE itself. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
D4D_IG2
4D enable: 4D detection is enabled on Interrupt 2 generator when 6D bit on
IG2_CFG is set to ‘1’
Table 37. CTRL_REG6 register
INT2_CLICK
INT2_IG1
INT2_IG2
INT2_BOOT
INT2_ACT
-
H_LACTIVE
-
Table 38. CTRL_REG6 register description
INT2_CLICK
Click interrupt on INT2 pin. Default value: 0
(0: disable; 1: enable)
INT2_IG1
Interrupt generator 1 enabled on INT2 pin. Default value: 0
(0: function disable; 1: function enable)
INT2_IG2
Interrupt generator 2 enabled on INT2 pin. Default value: 0
(0: function disable; 1: function enable)
INT2_BOOT
Boot on INT2 pin enable. Default value: 0
(0: disable; 1: enable)
INT2_ACT
“Sleep-to-wake” / “Return-to-sleep” function interrupt enable on INT2 pin. Default
value: 0
(0: disable; 1: enable)
H_LACTIVE
Interrupt active value. Default value: 0
(0: interrupt active high; 1: interrupt active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com