Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3644 Datasheet(PDF) 11 Page - ams AG

Part # AS3644
Description  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3644 Datasheet(HTML) 11 Page - ams AG

Back Button AS3644 Datasheet HTML 7Page - ams AG AS3644 Datasheet HTML 8Page - ams AG AS3644 Datasheet HTML 9Page - ams AG AS3644 Datasheet HTML 10Page - ams AG AS3644 Datasheet HTML 11Page - ams AG AS3644 Datasheet HTML 12Page - ams AG AS3644 Datasheet HTML 13Page - ams AG AS3644 Datasheet HTML 14Page - ams AG AS3644 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
10 - 23
AS3644
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 17. Internal circuit of 4MHz/1Mhz selection
External Strobe Input
To start the flash operation by an hardware input using an external strobe input, use schematic shown in Figure 18:
Figure 18. External strobe input
To enable this function, program the flash timer with the exact flash duration (by programming flash_timer) and set
external_strobe=1. The AS3644 waits for an external strobe signal on pin LED_OUT and starts the flash pulse with a
duration defined by flash_timer.
Protection and Fault Detection Functions
The protection functions protect the AS3644 and the LED(s) against physical damage. In most cases a register bit is
set, which can be readout with the interface. The fault bits are cleared
1 by a readout of the fault register.
1. Except overtemperature protection bit fault_overtemp: This bit can be cleared once the temperature drops
below TOVTEMP-TOVTEMPHYST.
 



 !
"!
#$#
#%&!''
()!*+
,- 
./. 
012-#$.,"

3
$
$
AS3644




 




!
"  
#$$%
&
"
'#(
AS3644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com