Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3644 Datasheet(PDF) 23 Page - ams AG

Part # AS3644
Description  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3644 Datasheet(HTML) 23 Page - ams AG

Back Button AS3644 Datasheet HTML 16Page - ams AG AS3644 Datasheet HTML 17Page - ams AG AS3644 Datasheet HTML 18Page - ams AG AS3644 Datasheet HTML 19Page - ams AG AS3644 Datasheet HTML 20Page - ams AG AS3644 Datasheet HTML 21Page - ams AG AS3644 Datasheet HTML 22Page - ams AG AS3644 Datasheet HTML 23Page - ams AG AS3644 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
22 - 23
AS3644
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 15.
Note: AS3644-ZWLT
AS3644-
Z
Temperature Range: -30ºC - 85ºC
WL
Package: Wafer Level Chip Scale Package (WL-CSP) 1.5x1.1x0.6mm
T
Delivery Form: Tape & Reel
Table 15. Ordering Information
Model
Description
Delivery Form
Package
AS3644-ZWLT
Ultra Small Low Cost 320mA Inductive White LED
Flash Driver
Tape & Reel
6-pin WL-CSP
(1.5mm x 1.1mm x 0.6mm)
RoHS compliant / Pb-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com