Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3644 Datasheet(PDF) 16 Page - ams AG

Part # AS3644
Description  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3644 Datasheet(HTML) 16 Page - ams AG

Back Button AS3644 Datasheet HTML 12Page - ams AG AS3644 Datasheet HTML 13Page - ams AG AS3644 Datasheet HTML 14Page - ams AG AS3644 Datasheet HTML 15Page - ams AG AS3644 Datasheet HTML 16Page - ams AG AS3644 Datasheet HTML 17Page - ams AG AS3644 Datasheet HTML 18Page - ams AG AS3644 Datasheet HTML 19Page - ams AG AS3644 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
15 - 23
AS3644
Datasheet - D e ta i l e d D e s c r i p t i o n
Register Description
Table 4. Design Info Register
Addr: 0
Design Info Register
This register has a fixed ID
Bit
Bit Name
Default Access
Description
7:0
fixed_id
13h
R
This is a fixed identification (e.g. to verify the I
2C
communication)
Table 5. Version Control Register
Addr: 1
Version Control Register
This register defines design versions
Bit
Bit Name
Default Access
Description
3:0
version
Xh
R
AS3644 version number
7:4
reserved
Xh
R
reserved - don’t use
Table 6. Current Set Register
Addr: 2
Current Set Register
This register defines the Current Settings
Bit
Bit Name
Default Access
Description
1:0
reserved
0h
R
reserved - don’t use
2
freq_switch_on
1R/W
Exact frequency switching between 4MHz/1MHz for assist
and flash modes for operation close to maximum
pulsewidth - see Figure 17 on page 10
0
Pulseskip operation is allowed for all modes -
results in better efficiency
1
In flash and assist light mode, the DCDC is running at
4MHz or 1MHz (pulseskip is disabled) -
results in improved noise performance
4:3
reserved
10
R
reserved - don’t use
5
assist_current
1R/W
Define the current on pin LED_OUT in assist light mode
0ILED_OUT = 51.6mA
1ILED_OUT = 72.3mA
7:6
flash_current
10
R/W
Define the current on pin LED_OUT in flash mode
00
ILED_OUT = 260mA
01
ILED_OUT = 280mA
10
ILED_OUT = 300mA
11
ILED_OUT = 320mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com