Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5147P-HTST Datasheet(PDF) 9 Page - ams AG

Part # AS5147P-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P-HTST Datasheet(HTML) 9 Page - ams AG

Back Button AS5147P-HTST Datasheet HTML 5Page - ams AG AS5147P-HTST Datasheet HTML 6Page - ams AG AS5147P-HTST Datasheet HTML 7Page - ams AG AS5147P-HTST Datasheet HTML 8Page - ams AG AS5147P-HTST Datasheet HTML 9Page - ams AG AS5147P-HTST Datasheet HTML 10Page - ams AG AS5147P-HTST Datasheet HTML 11Page - ams AG AS5147P-HTST Datasheet HTML 12Page - ams AG AS5147P-HTST Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
ams Datasheet
Page 9
[v1-01] 2015-May-12
Document Feedback
AS5147P − Detailed Description
The AS5147P is a Hall-effect magnetic sensor using a CMOS
technology. The Hall sensors convert the magnetic field
component perpendicular to the surface of the chip into a
voltage.
The signals from the Hall sensors are amplified and filtered by
the analog front-end (AFE) before being converted by the
analog-to-digital converter (ADC). The output of the ADC is
processed by the hardwired CORDIC (coordinate rotation
digital computer) block to compute the angle and magnitude
of the magnetic vector. The intensity of the magnetic field
(magnitude) is used by the automatic gain control (AGC) to
adjust the amplification level for compensation of the
temperature and magnetic field variations.
The AS5147P generates continuously the angle information,
which can be requested by the different interfaces of the device.
The internal 14-bit resolution is available by reading a register
through the SPI interface. The resolution on the ABI output can
be programmed for 10, 11 or 12 bits.
The Dynamic Angle Error Compensation block corrects the
calculated angle for latency using a linear prediction
calculation algorithm. At constant rotation speed the latency
time is internally compensated by the AS5147P, reducing the
dynamic angle error at the SPI, ABI and UVW outputs. The
AS5147P allows selecting between a UVW output interface and
a PWM-encoded interface on the W pin.
At higher speeds, the interpolator fills in missing ABI pulses and
generates the UVW signals with no loss of resolution. The
non-volatile settings in the AS5147P can be programmed
through the SPI interface without any dedicated programmer.
The AS5147P can support high speed application up to 28krpm.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com