Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5147P-HTST Datasheet(PDF) 28 Page - ams AG

Part # AS5147P-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P-HTST Datasheet(HTML) 28 Page - ams AG

Back Button AS5147P-HTST Datasheet HTML 24Page - ams AG AS5147P-HTST Datasheet HTML 25Page - ams AG AS5147P-HTST Datasheet HTML 26Page - ams AG AS5147P-HTST Datasheet HTML 27Page - ams AG AS5147P-HTST Datasheet HTML 28Page - ams AG AS5147P-HTST Datasheet HTML 29Page - ams AG AS5147P-HTST Datasheet HTML 30Page - ams AG AS5147P-HTST Datasheet HTML 31Page - ams AG AS5147P-HTST Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Application Information
The programming can either be performed in 5V operation
using the internal LDO (1uF on regulator output pin), or in 3V
Operation but using a supply voltage between 3.3V and 3.5V.
1.
Power on cycle
2.
Write the SETTINGS1 and SETTINGS2 registerswith the
Custom settings for this application
3.
Position the magnet at the desired zero position
4.
Read out the measured angle from the ANGLE register
5.
Write ANGLE [5:0] into the ZPOSL register and ANGLE
[13:6] into the ZPOSM register
6.
Read reg(0x0016) to reg(0x0019)
→ Read register step1
7.
Comparison of written content (settings and angle) with
content of read register step1
8.
If point 7 is correct, enable OTP read / write by setting
PROGEN = 1 in the PROG register
9.
Start the OTP burn procedure by setting PROGOTP = 1
in the PROG register
10. Read the PROG register until it reads 0x0000
(Programming procedure complete)
11. Clear the memory content writing 0x00 in the whole
non-volatile memory
12. Enable OTP read / write by setting PROGEN = 1 in the
PROG register
13. Set the PROGVER = 1 to set the Guard band for the guard
band test(1).
14. Refresh the non-volatile memory content with the OTP
content by setting OTPREF = 1
15. Read reg(0x0016) to reg(0x0019)
→ Read register step2
16. Comparison of written content (settings and angle) with
content of read register step2.
Mandatory: guard band test
17. New power on cycle, if point 16 is correct. If point 16
fails, the test with the guard band test1 was not
successful and the device is incorrectly programmed. A
reprogramming is not allowed!
18. Read reg(0x0016) to reg(0x0019)
→ Read register step3
19. Comparision of written content (settings and angle)
with content of read register step3.
20. If point 19 is correct, the programming was successful.
If point 19 fails, device is incorrectly programmed. A
reprogramming is not allowed
1. Guard band test:
Restricted to temperature range: 25 °C ± 20 °C
Right after the programming procedure (max. 1 hour with same
Conditions 25°C ± 20 °C)
Same VDD voltage
The guard band test is only for the verification of the burned OTP fuses during the programming sequence.
A use of the guard band in other cases is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com