Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5147P-HTST Datasheet(PDF) 10 Page - ams AG

Part # AS5147P-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P-HTST Datasheet(HTML) 10 Page - ams AG

Back Button AS5147P-HTST Datasheet HTML 6Page - ams AG AS5147P-HTST Datasheet HTML 7Page - ams AG AS5147P-HTST Datasheet HTML 8Page - ams AG AS5147P-HTST Datasheet HTML 9Page - ams AG AS5147P-HTST Datasheet HTML 10Page - ams AG AS5147P-HTST Datasheet HTML 11Page - ams AG AS5147P-HTST Datasheet HTML 12Page - ams AG AS5147P-HTST Datasheet HTML 13Page - ams AG AS5147P-HTST Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Detailed Description
Power Management
The AS5147P can be either powered from a 5.0V supply using
the on-chip low-dropout regulator or from a 3.3V voltage
supply. The LDO regulator is not intended to power any other
loads, and it needs a 1 μF capacitor to ground located close to
the chip for decoupling as shown in Figure 11.
In 3.3V operation, VDD and VREG must be tied together. In this
configuration, normal noise performance (ONL) is available at
reduced maximum temperature (125°C) by clearing NOISESET
to 0. When NOISESET is set to 1, the full temperature range is
available with reduced noise performance (ONH).
Figure 10:
Temperature Range and Output Noise in 3.3V and 5.0V Mode
Figure 11:
5.0V and 3.3V Power Supply Options
After applying power to the chip, the power-on time (tpon) must
elapse before the AS5147P provides the first valid data.
VDD (V)
NOISESET
Temperature Range (°C)
RMS Output Noise (degree)
5.0
0
-40 to 150
0.068
3.3
0
-40 to 125
0.068
3.3
1
-40 to 150
0.082
1µF
100n
F
4.5 - 5.5V
VDD3V3
GND
VDD
5.0V Operation
LDO
AS5147P
100n
F
3.0 – 3.6V
VDD3V3
GND
VDD
3.3V Operation
LDO
AS5147P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com