Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3595 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3595 Datasheet HTML 4Page - Diodes Incorporated AP3595 Datasheet HTML 5Page - Diodes Incorporated AP3595 Datasheet HTML 6Page - Diodes Incorporated AP3595 Datasheet HTML 7Page - Diodes Incorporated AP3595 Datasheet HTML 8Page - Diodes Incorporated AP3595 Datasheet HTML 9Page - Diodes Incorporated AP3595 Datasheet HTML 10Page - Diodes Incorporated AP3595 Datasheet HTML 11Page - Diodes Incorporated AP3595 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
8 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont.)
fOSC vs. RRT
VPCC vs. Temperature
VREF vs. Temperature
fOSC vs. Temperature
Power On Waveforms
Power Off Waveforms
10
100
10
100
1000
R
RT
(k)
-40
-20
0
20
40
60
80
100
120
140
8.96
8.98
9.00
9.02
9.04
9.06
9.08
9.10
Temperature (
oC)
I
LOAD
=0mA
I
LOAD
=10mA
-40
-20
0
20
40
60
80
100
120
140
1.980
1.982
1.984
1.986
1.988
1.990
1.992
1.994
1.996
1.998
2.000
Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
140
290
292
294
296
298
300
302
304
306
308
310
Temperature (
oC)
Time 200
s/div
VPHASE1
10V/div
VRT/EN
1V/div
VOUT
1V/div
VSS
1V/div
VPHASE1
10V/div
VRT/EN
1V/div
VOUT
1V/div
VSS
1V/div
Time 4ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com