Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3595 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3595 Datasheet HTML 6Page - Diodes Incorporated AP3595 Datasheet HTML 7Page - Diodes Incorporated AP3595 Datasheet HTML 8Page - Diodes Incorporated AP3595 Datasheet HTML 9Page - Diodes Incorporated AP3595 Datasheet HTML 10Page - Diodes Incorporated AP3595 Datasheet HTML 11Page - Diodes Incorporated AP3595 Datasheet HTML 12Page - Diodes Incorporated AP3595 Datasheet HTML 13Page - Diodes Incorporated AP3595 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
10 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont.)
VID Change
Application Information
1. Overview
AP3595 is a dual-phase synchronous-rectified buck controller designed to deliver high quality output voltage for high power applications. It is
capable of delivering up to 60A output current with embedded bootstrapped drivers that support 12V+12V driver capability. The built-in bootstrap
diode simplifies the circuit design and reduces external part count and PCB space.
The output voltage is precisely regulated to the reference input that is dynamically adjustable by external voltage divider. The adjustable current
balance is achieved by RDS(ON) current sensing technique.
AP3595 features comprehensive protection functions including over current protection, input/output under voltage protection, over voltage
protection and over temperature protection.
Other features include adjustable soft start, adjustable operation frequency, and quick response to step load transient. With aforementioned
functions, the IC provides customer a compact, high efficiency, well-protected and cost effective solution.
2. Power on Reset
A Power On Reset (POR) circuitry continuously monitors the supply voltage at VCC. Once the rising POR threshold is exceeded, the AP3595 sets
itself to active state and is ready to accept chip enable command. The rising POR threshold is typically 9V.
3. Soft Start
The AP3595 initiates its soft start cycle when the RT/EN pin is released from ground once the POR is granted as shown in Figure 1.
Figure 1. Soft Start Cycle (RDRP=0)
VID
5V/div
Time 2ms/div
VOUT
200mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com