Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3595 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP3595 Datasheet HTML 13Page - Diodes Incorporated AP3595 Datasheet HTML 14Page - Diodes Incorporated AP3595 Datasheet HTML 15Page - Diodes Incorporated AP3595 Datasheet HTML 16Page - Diodes Incorporated AP3595 Datasheet HTML 17Page - Diodes Incorporated AP3595 Datasheet HTML 18Page - Diodes Incorporated AP3595 Datasheet HTML 19Page - Diodes Incorporated AP3595 Datasheet HTML 20Page - Diodes Incorporated AP3595 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
17 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Application Information (Cont.)
Although the inductor value and frequency are increased and the ripple current and voltage are reduced, a tradeoff
exists between the inductor’s
ripple current and the regulator load transient response time. A smaller inductor will give the regulator a faster load transient response at the
expense of higher ripple current. Increasing the switching frequency (fSW) also reduces the ripple current and voltage, but it will increase the
switching loss of the MOSFETs and the power dissipation of the converter. The maximum ripple current occurs at the maximum input voltage. A
good starting point is to choose the ripple current to be approximately 30% of the maximum output current. Once the inductance value has been
chosen, select an inductor that is capable of carrying the required peak current without going into saturation. In some types of inductors, especially
core that is made of ferrite, the ripple current will increase abruptly when it saturates. This results in a larger output ripple voltage.
15. Output Capacitor Selection
Output voltage ripple and the transient voltage deviation are factors that have to be taken into consideration when selecting output capacitors.
Higher capacitor value and lower ESR reduce the output ripple and the load transient drop. Therefore, selecting high performance low ESR
capacitors is recommended for switching regulator applications. In addition to high frequency noise related to MOSFET turn-on and turn-off, the
output voltage ripple includes the capacitance
voltage drop ΔVCOUT and ESR voltage drop ΔVESR caused by the AC peak-to-peak sum of the
inductor’s current. The ripple voltage of output capacitors can be represented by:
SW
OUT
P
P
COUT
f
C
I
V
8
ESR
P
P
ESR
R
I
V
These two components constitute a large portion of the total output voltage ripple. In some applications, multiple capacitors have to be paralleled
to achieve the desired ESR value. If the output of the converter has to support another load with high pulsating current, more capacitors are
needed in order to reduce the equivalent ESR and suppress the voltage ripple to a tolerable level. As mall decoupling capacitor in parallel for by
passing the noise is also recommended, and the voltage rating of the output capacitors must be considered too.
To support a load transient that is faster than the switching frequency, more capacitors are needed for reducing the voltage excursion during load
step change.
For getting same load transient response, the output capacitance of two-phase converter only needs to be around half of output capacitance of
single-phase converter.
Another aspect of the capacitor selection is that the total AC current going through the capacitors has to be less than the rated RMS current
specified on the capacitors in order to prevent the capacitor from overheating.
16. Input Capacitor Selection
Use small ceramic capacitors for high frequency decoupling and bulk capacitors to supply the surge current needed each time high-side MOSFET
turns on. Place the small ceramic capacitors physically close to the MOSFETs and between the drain of high-side MOSFET and the source of low-
side MOSFET.
The important parameters for the bulk input capacitor are the voltage rating and the RMS current rating. For reliable operation, select the bulk
capacitor with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The capacitor voltage
rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. For two-
phase converter, the RMS current of the bulk input capacitor is roughly calculated as the following equation:
)
2
1
(
2
2
D
D
I
I
OUT
RMS
For a through hole design, several electrolytic capacitors may be needed. For surface mount design, solid tantalum capacitors can be used, but
caution must be exercised with regard to the capacitor surge current rating.
17. MOSFET Selection
The AP3595 requires two N-Channel power MOSFETs on each phase. These should be selected based upon RDS(ON), gate supply requirements
and thermal management requirements.
In high current applications, the MOSFET power dissipation, package selection, and heat sink are the dominant design factors. The power
dissipation includes two loss components: conduction loss and switching loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com