Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3783R Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3783R
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783R Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3783R Datasheet HTML 1Page - Diodes Incorporated AP3783R Datasheet HTML 2Page - Diodes Incorporated AP3783R Datasheet HTML 3Page - Diodes Incorporated AP3783R Datasheet HTML 4Page - Diodes Incorporated AP3783R Datasheet HTML 5Page - Diodes Incorporated AP3783R Datasheet HTML 6Page - Diodes Incorporated AP3783R Datasheet HTML 7Page - Diodes Incorporated AP3783R Datasheet HTML 8Page - Diodes Incorporated AP3783R Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP3783R
Document number: DS37448 Rev. 5 - 2
5 of 17
www.diodes.com
October 2015
© Diodes Incorporated
AP3783R
Electrical Characteristics (Cont.) (@V
CC=15V, TA=+25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FREQUENCY JITTER
ΔV
CS/VCS
VCS Modulation
6.5% to 100% IO(MAX)
4.5
5
5.5
%
fMOD
VCS Modulation Frequency
3.6
4
4.4
kHz
CURRENT SENSE SECTION
VCS_H
Peak Current Sense Threshold
Voltage
37% to 100% IO(MAX)
828
900
972
mV
VCS_L
0% to 37% IO(MAX)
460
500
540
mV
RLINE
Built-in Line Compensation Resistor
(Note 7)
245
260
275

tLEB
Leading Edge Blanking
(Note 6)
400
500
600
ns
CONSTANT VOLTAGE SECTION
VFB
Feedback Threshold Voltage
Closed loop test of VOUT
3.95
4.01
4.07
V
RFB
FB Pin Input Resistance
VFB=4V
560
700
840
k
VCABLE/VOUT%
Cable Compensation Ratio
AP3783RA
7
8
9
%
AP3783RB
3
4
5
%
AP3783RC
1
2
3
%
CONSTANT CURRENT SECTION
tONS/tSW
Secondary Winding Conduction
Duty
VFB=4V
0.47
0.5
0.53
–
VALLEY-ON SECTION
tVAL-ON
Valid Off Time of Valley-on
From the end of tONS
14.4
16
17.6
μs
DYNAMIC SECTION
VTRIGGER
Trigger Voltage for Dynamic
Function
–
74
83
92
mV
tDELAY
Delay Time for Dynamic Function
From the end of tONS
115
128
141
μs
VUV_H
Under Voltage of FB Pin for VCS_H
–
3.82
3.89
3.96
V
tOFF(MAX)
Maximum Off Time
–
6
8
10
ms
PROTECTION FUNCTION SECTION
VFB(OVP)
Over Voltage Protection at FB Pin
–
7.1
7.5
7.9
V
VCC(OVP)
Over Voltage Protection at VCC Pin
–
28
30
32
V
tONP(MAX)
Maximum Turn-on Time
–
13
19
25
μs
VFB(SCP)
Short Circuit Protection
VFB @ Hiccup
2.45
2.6
2.75
V
tSCP
Maximum Time under VFB(SCP)
–
115
128
141
ms
TOTP
Shutdown Temperature
–
+126
+140
+154
ºC
THYS
Temperature Hysteresis
–
+36
+40
+44
ºC
Notes:
5. The output constant-current design value, generally set to 110% to 120% of full load.
6. Guaranteed by design.
7. Line compensation voltage on CS reference:
AUX
LINE
FB
LINE
REF
CS
V
R
R
R
V
1
_
438
.
0
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com