Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3783R Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3783R
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783R Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3783R Datasheet HTML 1Page - Diodes Incorporated AP3783R Datasheet HTML 2Page - Diodes Incorporated AP3783R Datasheet HTML 3Page - Diodes Incorporated AP3783R Datasheet HTML 4Page - Diodes Incorporated AP3783R Datasheet HTML 5Page - Diodes Incorporated AP3783R Datasheet HTML 6Page - Diodes Incorporated AP3783R Datasheet HTML 7Page - Diodes Incorporated AP3783R Datasheet HTML 8Page - Diodes Incorporated AP3783R Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP3783R
Document number: DS37448 Rev. 5 - 2
1 of 17
www.diodes.com
October 2015
© Diodes Incorporated
AP3783R
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Description
The AP3783R is a high frequency, high efficiency and high accuracy
switching mode power supply controller to drive power MOSFET for
5V/2A battery charger/adapter applications. The controller regulates
the output voltage and current in the primary side by piece-wise Pulse
Frequency Modulation (p-PFM) in discontinuous conduction mode
(DCM). The system operating frequency reduces linearly from heavy
load to light load in each interval of the p-PFM, and enters constant
current mode when the load current equals to the maximum system
output current.
The AP3783R provides accurate constant voltage (CV), constant
current (CC) and outstanding dynamic performance without requiring
an opto-coupler. It also eliminates the need of loop compensation
circuitry while maintaining stability.
The AP3783R provides valley turn-on function and 3-Segment drive
current to improve the power supply EMI performance. The AP3783R
also has built-in fixed cable voltage drop compensation (8%, 4% and
2% of nominal system output voltage to meet various cables with
different length and gauge) and adjustable line voltage compensation.
The AP3783R achieves excellent regulation and high average
efficiency, less than 2s startup time for 30mW standby power solution.
When AP3783R is used with APR3415, good undershoot and
efficiency performances can be achieved.
The AP3783R is packaged in SOT26.
Applications
Adapters/Chargers
Standby and Auxiliary Power Supplies
Pin Assignments
(Top View)
CS
GND
VCC
CPC
FB
DRI
1
2
3
4
5
Pin 1 Mark
6
SOT26
Features
Less than 30mW Standby Power Consumption
Meet Efficiency Requirement of COC Trier2
Valley Turn-on to Reduce Switching Loss and Improve EMI
Piece-wise
Frequency
Reduction
to
Enhance
Conversion
Efficiency and Suppress Audio Noise
Over Voltage Protection (OVP)
Over Temperature Protection (OTP)
Short Circuit Protection (SCP) with Hiccup
3-Segment Drive Current for Radiative EMI Suppression
Operating
Frequency
Jitter
Function
for
Conductive
EMI
Suppression
Drive
MOSFET
for
5W
to
20W
Battery
Charger/Adapter
Applications
SOT26 SMD Package Comply with Level 3 of IPC/JEDEC J-STD-
033A
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3783R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3783R DIODES-AP3783R Datasheet
582Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3783RAK6TR-G1 DIODES-AP3783RAK6TR-G1 Datasheet
582Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3783RBK6TR-G1 DIODES-AP3783RBK6TR-G1 Datasheet
582Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3783RCK6TR-G1 DIODES-AP3783RCK6TR-G1 Datasheet
582Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3783R DIODES-AP3783R_16 Datasheet
582Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
More results

Similar Description - AP3783R

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
24 W Primary-side Regulated Flyback Power Supply using TOP245Y
logo
Diodes Incorporated
AP3783 DIODES-AP3783 Datasheet
576Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3785T DIODES-AP3785T Datasheet
659Kb / 18P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 4
AP3983R DIODES-AP3983R Datasheet
696Kb / 15P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 3
AP3783 DIODES-AP3783_17 Datasheet
613Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 8
AP3783R DIODES-AP3783R_16 Datasheet
582Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3781 DIODES-AP3781 Datasheet
646Kb / 15P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev. 2 - 2 May 2020
AP3981B DIODES-AP3981B Datasheet
511Kb / 17P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981C DIODES-AP3981C Datasheet
521Kb / 16P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 June 2019
AP3981D2 DIODES-AP3981D2 Datasheet
384Kb / 16P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com