| Electronic Components Datasheet Search |
|
AP3783R Datasheet(PDF) 9 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP3783R Datasheet(HTML) 9 Page - Diodes Incorporated |
|
9 / 17 page ![]() AP3783R Document number: DS37448 Rev. 5 - 2 9 of 17 www.diodes.com October 2015 © Diodes Incorporated AP3783R Operation Principle Description (Cont.) Figure 2 shows the typical waveforms which demonstrate the basic operating principle of AP3783R application. And the parameters are defined as following. IP---The primary side current IS ---The secondary side current IPK---Peak value of primary side current IPKS---Peak value of secondary side current VSEC---The transient voltage at secondary winding VS---The stable voltage at secondary winding when rectification diode is in conducting status, which equals the sum of output voltage VOUT and the forward voltage drop of diode VAUX---The transient voltage at auxiliary winding VA--- The stable voltage at auxiliary winding when rectification diode is in conducting status, which equals the sum of voltage VCC and the forward voltage drop of auxiliary diode tSW ---The period of switching frequency tONP ---The conduction time when primary side switch is “ON” tONS ---The conduction time when secondary side diode is “ON” tOFF ---The dead time when neither primary side switch nor secondary side diode is “ON” tOFFS --- The time when secondary side diode is “OFF” For primary-side regulation, the primary current ip(t) is sensed by a current sense resistor RCS (as shown in Figure 1).The current rises up linearly at a rate of: M L t dt t dip ) ( V ) ( IN (1) As illustrated in Figure 2, when the current ip(t) rises up to IPK, the switch Q1 turns off. The constant peak current is given by: CS CS PK R V I (2) The energy stored in the magnetizing inductance LM each cycle is therefore: 2 2 1 PK M I L Eg (3) So the power transferring from the input to the output is given by: SW PK M f I L P 2 2 1 (4) Where, the fSW is the switching frequency. When the peak current IPK is constant, the output power depends on the switching frequency fSW. Constant Voltage Operation As to constant-voltage (CV) operation mode, the AP3783R detects the auxiliary winding voltage at FB pin to regulate the output voltage. The auxiliary winding voltage is coupled with secondary side winding voltage, so the auxiliary winding voltage at D1 conduction time is: Vd Vo N N V S AUX AUX (5) Where Vd is the diode forward voltage drop. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |