Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2810BM-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2810BM-G1
Description  1.0A High-side Power Distribution Switch with Enable and Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2810BM-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2810BM-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Advance Datasheet
1.0A High-side Power Distribution Switch with Enable and Flag
AP2810
Jul. 2012 Rev 1. 2
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Power Supply Voltage
VIN
6.0
V
Operating
Junction
Temperature
Range
TJ
150
ºC
Storage Temperature Range
TSTG
-65 to 150
ºC
Lead Temperature (Soldering,10
Seconds)
TLEAD
260
ºC
Thermal Resistance Junction to
Ambient
θJA
SOIC-8
135
oC/W
MSOP-8
150
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VIN
2.7
5.5
V
Operating
Ambient
Temperature
Range
TA
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com