Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2810BM-G1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2810BM-G1
Description  1.0A High-side Power Distribution Switch with Enable and Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2810BM-G1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2810BM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Advance Datasheet
1.0A High-side Power Distribution Switch with Enable and Flag
AP2810
Jul. 2012 Rev 1. 2
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics
Figure 4. Supply Current vs. Ambient Temperature
Figure 5. Supply Current vs. Supply Voltage
Figure 6. Current Limit vs. Supply Voltage
Figure 7. Current Limit vs. Ambient Temperature
-40
-20
0
20
406080
0
10
20
30
40
50
60
70
80
90
100
V
IN=5V
Enable Active
No Load
Ambient Temperature (
oC)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-10
0
10
20
30
40
50
60
70
80
90
100
T
A=-40
oC
T
A= 25
oC
T
A= 85
oC
Enable Active
Supply Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
T
A=25
oC
Enable Active
Supply Voltage (V)
-40
-20
0
20
406080
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
V
IN=3.3V
V
IN=5V
Enable Active
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com