Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2810BM-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2810BM-G1
Description  1.0A High-side Power Distribution Switch with Enable and Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2810BM-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2810BM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2810BM-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Advance Datasheet
1.0A High-side Power Distribution Switch with Enable and Flag
AP2810
Jul. 2012 Rev 1. 2
BCD Semiconductor Manufacturing Limited
10
Typical Performance Characteristics (Continued)
Time(2ms/div)
Time(100ms/div)
Figure 16. Output Turn OFF and Falling Time
Figure 17. Output Short to GND Current
(VIN=5V, CIN=1.0μF, COUT=470μF, RL=5.0Ω)
(VIN=5V,CIN=1.0μF)
Time(5ms/div)
Time(5ms/div)
Figure 18. FLAG Response During Over Current
Figure 19. FLAG Response During Over Temperature
(VIN=5V, CIN=1.0μF, COUT=470μF)
(VIN=5V, CIN=1.0μF, COUT=220μF, RL=5.0Ω)
VEN
(5V/div)
VOUT
(1V/div)
IOUT
(1A/div)
VEN
(5V/div)
VOUT
(1V/div)
IOUT
(1A/div)
VFLAG
(1V/div)
VOUT
(1V/div)
IOUT
(1A/div)
VFLAG
(1V/div)
VOUT
(1V/div)
IOUT
(1A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com