Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2085 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AZ2085
Description  3A LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ2085 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AZ2085 Datasheet HTML 2Page - Diodes Incorporated AZ2085 Datasheet HTML 3Page - Diodes Incorporated AZ2085 Datasheet HTML 4Page - Diodes Incorporated AZ2085 Datasheet HTML 5Page - Diodes Incorporated AZ2085 Datasheet HTML 6Page - Diodes Incorporated AZ2085 Datasheet HTML 7Page - Diodes Incorporated AZ2085 Datasheet HTML 8Page - Diodes Incorporated AZ2085 Datasheet HTML 9Page - Diodes Incorporated AZ2085 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AZ2085
Document number: DS36595 Rev. 3 - 2
6 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AZ2085
A Product Line of
Diodes Incorporated
Ordering Information
AZ2085 X - XX XX XX
Packing
Package
TR : Tape & Reel
Product Name
D : TO252-2 (3)/
TO252-2 (5)
Output Voltage
ADJ : Adjustable
G1 : Green
RoHS/Green
Diodes IC’s Pb-free products with "G1" suffix in the part number, are RoHS compliant and green.
Package
Temperature
Range
Part Number
Marking ID
Packing
TO252-2 (3)/
TO252-2 (5)
0 to +125
C
AZ2085D-ADJTRG1
AZ2085D-ADJG1
2500/Tape & Reel
Marking Information
(1)
TO252-2 Series
(Top View)
XXXXXXD
-ADJG1
YWWAXX
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com