Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2085 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AZ2085
Description  3A LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ2085 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AZ2085 Datasheet HTML 3Page - Diodes Incorporated AZ2085 Datasheet HTML 4Page - Diodes Incorporated AZ2085 Datasheet HTML 5Page - Diodes Incorporated AZ2085 Datasheet HTML 6Page - Diodes Incorporated AZ2085 Datasheet HTML 7Page - Diodes Incorporated AZ2085 Datasheet HTML 8Page - Diodes Incorporated AZ2085 Datasheet HTML 9Page - Diodes Incorporated AZ2085 Datasheet HTML 10Page - Diodes Incorporated AZ2085 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AZ2085
Document number: DS36595 Rev. 3 - 2
10 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AZ2085
A Product Line of
Diodes Incorporated
Suggested Pad Layout (Cont.)
(2)
Package Type: TO252-2 (5)
E1
X1
Y2
Y1
Z
X2
G
Dimensions
Z
(mm)/(inch)
X1
(mm)/(inch)
X2=Y2
(mm)/(inch)
Y1
(mm)/(inch)
G
(mm)/(inch)
E1
(mm)/(inch)
Value
11.600/0.457
1.500/0.059
7.000/0.276
2.500/0.098
2.100/0.083
2.300/0.091



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com