Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2085 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AZ2085
Description  3A LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ2085 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AZ2085 Datasheet HTML 3Page - Diodes Incorporated AZ2085 Datasheet HTML 4Page - Diodes Incorporated AZ2085 Datasheet HTML 5Page - Diodes Incorporated AZ2085 Datasheet HTML 6Page - Diodes Incorporated AZ2085 Datasheet HTML 7Page - Diodes Incorporated AZ2085 Datasheet HTML 8Page - Diodes Incorporated AZ2085 Datasheet HTML 9Page - Diodes Incorporated AZ2085 Datasheet HTML 10Page - Diodes Incorporated AZ2085 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AZ2085
Document number: DS36595 Rev. 3 - 2
8 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AZ2085
A Product Line of
Diodes Incorporated
Package Outline Dimensions (Cont. All dimensions in mm(inch).)
(2)
Package Type: TO252-2 (5)
2.190(0.086)
2.390(0.094)
0.508(0.020)
10°
0.000(0.000)
0.130(0.005)
0.450(0.018)
0.580(0.023)
4.320(0.170)
MIN
6.450(0.254)
6.700(0.264)
5.210(0.205)
5.500(0.217)
0.880(0.035)
1.270(0.050)
0.640(0.025)
1.020(0.040)
0.760(0.030)
1.140(0.045)
2.286(0.090)
0.640(0.025)
0.880(0.035)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com