Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5208F Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5208F
Description  Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5208F Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5208F Datasheet HTML 9Page - Analog Devices ADG5208F Datasheet HTML 10Page - Analog Devices ADG5208F Datasheet HTML 11Page - Analog Devices ADG5208F Datasheet HTML 12Page - Analog Devices ADG5208F Datasheet HTML 13Page - Analog Devices ADG5208F Datasheet HTML 14Page - Analog Devices ADG5208F Datasheet HTML 15Page - Analog Devices ADG5208F Datasheet HTML 16Page - Analog Devices ADG5208F Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
ADG5208F/ADG5209F
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A0 1
EN 2
VSS 3
S1 4
A1
16
A2
15
GND
14
VDD
13
S2 5
S5
12
S3 6
S6
11
S4 7
S7
10
D 8
S8
9
ADG5208F
TOP VIEW
(Not to Scale)
Figure 3. ADG5208F Pin Configuration
Table 7. ADG5208F Pin Function Descriptions
Pin No.
Mnemonic
Description
1
A0
Logic Control Input.
2
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are off. When this pin is high,
the Ax logic inputs determine the on switches.
3
VSS
Most Negative Power Supply Potential.
4
S1
Overvoltage Protected Source Terminal 1. This pin can be an input or an output.
5
S2
Overvoltage Protected Source Terminal 2. This pin can be an input or an output.
6
S3
Overvoltage Protected Source Terminal 3. This pin can be an input or an output.
7
S4
Overvoltage Protected Source Terminal 4. This pin can be an input or an output.
8
D
Drain Terminal. This pin can be an input or an output.
9
S8
Overvoltage Protected Source Terminal 8. This pin can be an input or an output.
10
S7
Overvoltage Protected Source Terminal 7. This pin can be an input or an output.
11
S6
Overvoltage Protected Source Terminal 6. This pin can be an input or an output.
12
S5
Overvoltage Protected Source Terminal 5. This pin can be an input or an output.
13
VDD
Most Positive Power Supply Potential.
14
GND
Ground (0 V) Reference.
15
A2
Logic Control Input.
16
A1
Logic Control Input.
Table 8. ADG5208F Truth Table
A2
A1
A0
EN
On Switch
X1
X1
X1
0
None
0
0
0
1
S1
0
0
1
1
S2
0
1
0
1
S3
0
1
1
1
S4
1
0
0
1
S5
1
0
1
1
S6
1
1
0
1
S7
1
1
1
1
S8
1
X is don’t care.
Rev. 0 | Page 13 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com