Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5208F Datasheet(PDF) 17 Page - Analog Devices

Part # ADG5208F
Description  Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5208F Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG5208F Datasheet HTML 13Page - Analog Devices ADG5208F Datasheet HTML 14Page - Analog Devices ADG5208F Datasheet HTML 15Page - Analog Devices ADG5208F Datasheet HTML 16Page - Analog Devices ADG5208F Datasheet HTML 17Page - Analog Devices ADG5208F Datasheet HTML 18Page - Analog Devices ADG5208F Datasheet HTML 19Page - Analog Devices ADG5208F Datasheet HTML 20Page - Analog Devices ADG5208F Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Data Sheet
ADG5208F/ADG5209F
6
0
1
2
3
4
5
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = +20V
VSS = –20V
VS = –30V
VS = +30V
VS = –55V
VS = +55V
Figure 17. Overvoltage Leakage Current vs. Temperature, ±20 V Dual Supply
6
0
1
2
3
4
5
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = 12V
VSS = 0V
VS = –30V
VS = +30V
VS = –55V
VS = +55V
Figure 18. Overvoltage Leakage Current vs. Temperature, 12 V Single Supply
6
0
1
2
3
4
5
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = 36V
VSS = 0V
VS = –30V
VS = +40V
VS = –40V
VS = +55V
Figure 19. Overvoltage Leakage Current vs. Temperature, 36 V Single Supply
FREQUENCY (Hz)
0
–140
–120
–100
–80
–60
–40
–20
1k
1G
100M
10M
1M
100k
10k
VDD = +15V
VSS = –15V
TA = 25°C
Figure 20. Off Isolation vs. Frequency, ±15 V Dual Supply
0
–140
–120
–100
–80
–60
–40
–20
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
ADJACENT CHANNELS
NONADJACENT CHANNELS, COMMON DRAIN
NONADJACENT CHANNELS, SEPARATE DRAIN
Figure 21. Crosstalk vs. Frequency, ±15 V Dual Supply
6
4
2
0
–2
–10
–8
–6
–4
0
40
35
30
25
20
15
10
5
VS (V)
TA = 25°C
VDD = 12V, VSS = 0V
VDD = 36V, VSS = 0V
Figure 22. Charge Injection vs. Source Voltage (VS), Single Supply
Rev. 0 | Page 17 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com