Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5208F Datasheet(PDF) 21 Page - Analog Devices

Part # ADG5208F
Description  Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5208F Datasheet(HTML) 21 Page - Analog Devices

Back Button ADG5208F Datasheet HTML 17Page - Analog Devices ADG5208F Datasheet HTML 18Page - Analog Devices ADG5208F Datasheet HTML 19Page - Analog Devices ADG5208F Datasheet HTML 20Page - Analog Devices ADG5208F Datasheet HTML 21Page - Analog Devices ADG5208F Datasheet HTML 22Page - Analog Devices ADG5208F Datasheet HTML 23Page - Analog Devices ADG5208F Datasheet HTML 24Page - Analog Devices ADG5208F Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
ADG5208F/ADG5209F
VD
ADG5208F/
ADG5209F
GND
Sx
OTHER SOURCE/
DRAIN PINS
D/Dx
CL
5pF
0.1µF
0.1µF
VS
VDD
VSS
VDD
VSS
VDD + 0.5V
0V
tRESPONSE
SOURCE
VOLTAGE
(VS)
RL
1kΩ
VDD
0V
OUTPUT
(VD)
OUTPUT × 0.5
NOTES
1. THE OUTPUT PULLS TO VDD WITHOUT A 1kΩ RESISTOR (INTERNAL 40kΩ
PULL-UP RESISTOR TO THE SUPPLY RAIL DURING A FAULT).
Figure 41. Overvoltage Response Time, tRESPONSE
VD
ADG5208F/
ADG5209F
GND
Sx
OTHER SOURCE/
DRAIN PINS
D/Dx
CL
5pF
0.1µF
0.1µF
VS
VDD
VSS
VDD
VSS
RL
1kΩ
VDD + 0.5V
0V
tRECOVERY
SOURCE
VOLTAGE
(VS)
0V
OUTPUT × 0.5
OUTPUT
(VD)
NOTES
1. THE OUTPUT STARTS FROM THE VDD CLAMP LEVEL WITHOUT A 1kΩ RESISTOR
(INTERNAL 40kΩ PULL-UP RESISTOR TO THE SUPPLY RAIL DURING A FAULT).
Figure 42. Overvoltage Recovery Time, tRECOVERY
OUTPUT
ADG5208F*
A0
A1
A2
1kΩ
GND
S1
S2 TO S7
S8
D
35pF
VIN
2.0V
EN
VDD
VSS
VS
*SIMILAR CONNECTION FOR ADG5209F.
3V
0V
OUTPUT
80%
80%
ADDRESS
DRIVE (VIN)
tD
0.1µF
0.1µF
VDD
VSS
Figure 43. Break-Before-Make Time Delay, tD
Rev. 0 | Page 21 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com