Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5462F Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5462F
Description  User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5462F Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5462F Datasheet HTML 9Page - Analog Devices ADG5462F Datasheet HTML 10Page - Analog Devices ADG5462F Datasheet HTML 11Page - Analog Devices ADG5462F Datasheet HTML 12Page - Analog Devices ADG5462F Datasheet HTML 13Page - Analog Devices ADG5462F Datasheet HTML 14Page - Analog Devices ADG5462F Datasheet HTML 15Page - Analog Devices ADG5462F Datasheet HTML 16Page - Analog Devices ADG5462F Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
ADG5462F
Rev. B | Page 13 of 29
TYPICAL PERFORMANCE CHARACTERISTICS
25
20
15
10
5
0
–25
–20
–15
–10
–5
0
5
10
15
20
25
VS, VD (V)
TA = 25°C
VDD = +22V
VSS = –22V
VDD = +20V
VSS = –20V
VDD = +18V
VSS = –18V
VDD = +16.5V
VSS = –16.5V
VDD = +15V
VSS = –15V
VDD = +13.5V
VSS = –13.5V
Figure 4. On Resistance (RON) as a Function of VS, VD (Dual Supply)
25
20
15
10
5
0
0
14
12
10
8
6
4
2
VS, VD (V)
TA = 25°C
VDD = 10.8V
VSS = 0V
VDD = 12V
VSS = 0V
VDD = 13.2V
VSS = 0V
Figure 5. On Resistance (RON) as a Function of VS, VD (12 V Single Supply)
25
20
15
10
5
0
0
40
35
30
25
20
15
10
5
VS, VD (V)
TA = 25°C
VDD = 36V
VSS = 0V
VDD = 32.4V
VSS = 0V
VDD = 39.6V
VSS = 0V
Figure 6. On Resistance (RON) as a Function of VS, VD (36 V Single Supply)
40
30
20
35
25
15
10
5
0
–15
–12
–9
–6
–3
0
3
6
9
12
15
VS, VD (V)
VDD = +15V
VSS = –15V
+125°C
+85°C
+25°C
–40°C
Figure 7. On Resistance (RON) as a Function of VS,VD for Different
Temperatures, ±15 V Dual Supply
40
30
20
35
25
15
10
5
0
–20
–15
–10
–5
0
5
10
15
20
VS, VD (V)
VDD = +20V
VSS = –20V
+125°C
+85°C
+25°C
–40°C
Figure 8. On Resistance (RON) as a Function of VS, VD for Different
Temperatures, ±20 V Dual Supply
40
30
20
35
25
15
10
5
0
0
2
4
6
8
10
12
VS, VD (V)
VDD = 12V
VSS = 0V
+125°C
+85°C
+25°C
–40°C
Figure 9. On Resistance (RON) as a Function of VS, VD for Different
Temperatures, 12 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com