Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5462F Datasheet(PDF) 21 Page - Analog Devices

Part # ADG5462F
Description  User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5462F Datasheet(HTML) 21 Page - Analog Devices

Back Button ADG5462F Datasheet HTML 17Page - Analog Devices ADG5462F Datasheet HTML 18Page - Analog Devices ADG5462F Datasheet HTML 19Page - Analog Devices ADG5462F Datasheet HTML 20Page - Analog Devices ADG5462F Datasheet HTML 21Page - Analog Devices ADG5462F Datasheet HTML 22Page - Analog Devices ADG5462F Datasheet HTML 23Page - Analog Devices ADG5462F Datasheet HTML 24Page - Analog Devices ADG5462F Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
ADG5462F
Rev. B | Page 21 of 29
VDD VSS
VDD VSS
OUTPUT
ADG5462F
GND
S1
FF
S2 TO S4
D1
CL*
12pF
VS
POSFV + 0.5V
0V
0V
OUTPUT
(VFF)
tDIGRESP
0.1VOUT
SOURCE
VOLTAGE
(VS)
*INCLUDES TRACK CAPACITANCE
0.1µF
0.1µF
0.1µF
0.1µF
POSFV
NEGFV
Figure 44. Interrupt Flag Response Time, tDIGRESP
VDD VSS
VDD VSS
OUTPUT
ADG5462F
GND
S1
FF
S2 TO S4
D
CL*
VS
POSFV + 0.5V
0V
0V
OUTPUT
(VFF)
tDIGREC
0.9VOUT
SOURCE
VOLTAGE
(VS)
12pF
*INCLUDES TRACK CAPACITANCE
0.1µF
0.1µF
0.1µF
0.1µF
POSFV
NEGFV
Figure 45. Interrupt Flag Recovery Time, tDIGREC
OUTPUT
ADG5462F
GND
S1
FF
S2 TO S4
D1
CL*
VS
POSFV + 0.5V
0V
5V
0V
OUTPUT
(VFF)
tDIGREC
3V
SOURCE
VOLTAGE
(VS)
12pF
RPULLUP
1kΩ
*INCLUDES TRACK CAPACITANCE
5V
0.1µF
0.1µF
0.1µF
0.1µF
POSFV
NEGFV
VDD VSS
VDD VSS
Figure 46. Interrupt Flag Recovery Time, tDIGREC, with a 1 kΩ Pull-Up Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com