Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5462F Datasheet(PDF) 17 Page - Analog Devices

Part # ADG5462F
Description  User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5462F Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG5462F Datasheet HTML 13Page - Analog Devices ADG5462F Datasheet HTML 14Page - Analog Devices ADG5462F Datasheet HTML 15Page - Analog Devices ADG5462F Datasheet HTML 16Page - Analog Devices ADG5462F Datasheet HTML 17Page - Analog Devices ADG5462F Datasheet HTML 18Page - Analog Devices ADG5462F Datasheet HTML 19Page - Analog Devices ADG5462F Datasheet HTML 20Page - Analog Devices ADG5462F Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data Sheet
ADG5462F
Rev. B | Page 17 of 29
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 5.00V
M2.00µs
A CH1
16.0V
4
T
POSFV
SOURCE
VDD
DRAIN
Figure 28. Drain Output Recovery from Positive Overvoltage (DR = GND)
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 5.00V
M2.00µs
A CH1
–10.4V
4
T
NEGFV
SOURCE
VSS
DRAIN
Figure 29. Drain Output Response to Negative Overvoltage
(DR = Floating or High)
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 5.00V
M2.00µs
A CH1
–10.4V
4
T
NEGFV
SOURCE
VSS
DRAIN
Figure 30. Drain Output Recovery from Negative Overvoltage
(DR = Floating or High)
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 5.00V
M2.00µs
A CH1
–10.4V
4
T
NEGFV
SOURCE
VSS
DRAIN
Figure 31. Drain Output Response to Negative Overvoltage (DR = GND)
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 5.00V
M2.00µs
A CH1
–10.4V
4
T
NEGFV
SOURCE
VSS
DRAIN
Figure 32. Drain Output Recovery from Negative Overvoltage (DR = GND)
CH1 5.00V
CH2 5.00V
CH3 2.00V
CH4 5.00V
M1.00µs
A CH3
1.12V
2
T
VDD = POSFV
SOURCE
DRAIN
DR INPUT
Figure 33. Drain Output Response to Positive Overvoltage (DR = High to Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com