Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRDM-KW40Z Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 2Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
6
Freescale Semiconductor, Inc.
FRDM-KW40Z overview and description
•
32 MHz reference oscillator.
•
32 kHz reference oscillator.
•
2.4 GHz frequency operation (ISM and MBAN).
•
External serial flash memory for Over-the-Air Programming (OTAP) support.
•
Integrated Open-Standard Serial and Debug Adapter (OpenSDA).
•
Cortex 10-pin (0.05) SWD debug port for target MCU.
•
Cortex 10-pin (0.05) JTAG port for OpenSDA updates.
•
Four red LED indicators.
•
One blue LED indicator.
•
Two push-button switches.
•
Two TSI buttons.
This figure shows the main board features and Input/Output headers for the Freescale FRDM-KW40Z
board:
Figure 2. FRDM-KW40Z component placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com