Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRDM-KW40Z Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  FRDM-KW40Z Datasheet HTML 1Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 2Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Freescale Semiconductor, Inc.
User’s Guide
© 2015 Freescale Semiconductor, Inc. All rights reserved.
1
Introduction
This guide describes the hardware for the FRDM-KW40Z
Freescale Freedom development board. The FRDM-KW40Z
Freedom development board is a small, low-power,
and cost-effective evaluation and development board for
application prototyping and demonstration of the MKW40Z
SoC family of devices. These evaluation boards offer
easy-to-use mass-storage-device mode flash programmer,
a virtual serial port, and standard programming and
run-control capabilities.
The MKW40Z SoC is an ultra-low-power, highly integrated
single-chip device that enables Bluetooth Low Energy
(BLE) and/or IEEE® Std. 802.15.4/RF connectivity for
portable, ultra-low-power embedded systems.
The MKW40Z SoC family integrates a radio transceiver
operating in the 2.36 GHz to 2.48 GHz range (supporting a
range of FSK/GFSK and O-QPSK modulations), ARM®
Cortex®-M0+ CPU, 160 KB flash memory and 20 KB
SRAM, BLE Link Layer hardware, 802.15.4 packet
processor hardware, and peripherals optimized to meet the
requirements of the target applications.
1.1
Audience
This guide is intended for system designers.
Document Number: FRDMKW40ZUG
Rev. 2, 10/2015
Contents
1. Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Audience . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Safety information . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.1. FCC guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.2. Regulatory approval for Canada (IC RSS 210) . . . . . 3
2.3. Electrostatic discharge considerations . . . . . . . . . . . . 3
2.4. Disposal instructions . . . . . . . . . . . . . . . . . . . . . . . . . 3
3. FRDM-KW40Z overview and description . . . . . . . . . 4
3.1. Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.2. Board features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.3. Serial and Debug Adapter . . . . . . . . . . . . . . . . . . . . . 7
4. FRDM-KW40Z development board . . . . . . . . . . . . . 8
4.1. FRDM-KW40Z board overview . . . . . . . . . . . . . . . . 8
4.2. Functional description . . . . . . . . . . . . . . . . . . . . . . . 12
4.3. Schematic, board layout, and bill of materials . . . . . 24
5. PCB manufacturing specifications . . . . . . . . . . . . . . 33
5.1. Single PCB construction . . . . . . . . . . . . . . . . . . . . . 34
5.2. Panelization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
5.3. Materials . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
5.4. Solder mask . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
5.5. Silk screen . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
5.6. Electrical PCB testing . . . . . . . . . . . . . . . . . . . . . . . 35
5.7. Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
5.8. Hole specification/tool table . . . . . . . . . . . . . . . . . . . 35
5.9. File descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
6. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
FRDM-KW40Z Freescale Freedom
Development Board
User's Guide


Similar Part No. - FRDM-KW40Z

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
FRDM-KW019032 FREESCALE-FRDM-KW019032 Datasheet
2Mb / 31P
FRDM-KW019032 Freescale Freedom Development Board
More results

Similar Description - FRDM-KW40Z

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
FBB-3665 BUD-FBB-3665 Datasheet
84Kb / 1P
FREEDOM FRDM-KL25Z BOARD ENCSLOSURE
logo
Freescale Semiconductor...
FRDM-KW019032 FREESCALE-FRDM-KW019032 Datasheet
2Mb / 31P
FRDM-KW019032 Freescale Freedom Development Board
USB-KW40Z FREESCALE-USB-KW40Z Datasheet
1Mb / 25P
Freescale USB Development Board USB-KW40Z Users Guide
logo
NXP Semiconductors
FRDMCR20AUG NXP-FRDMCR20AUG Datasheet
2Mb / 24P
Freescale Freedom Development
Rev. 0, 04/2015
FRDMKW24DUG NXP-FRDMKW24DUG Datasheet
3Mb / 30P
FRDM-KW24D512 Freedom Development Platform
Rev. 1, 05/2016
FRDMKW40ZUG NXP-FRDMKW40ZUG Datasheet
2Mb / 37P
FRDM-KW40Z Freescale Freedom Development Board
Rev. 2, 10/2015
FRDMKW019032UG NXP-FRDMKW019032UG Datasheet
2Mb / 31P
FRDM-KW019032 Freescale Freedom Development Board
Rev. 0, 11/2015
FRDMKW36UG NXP-FRDMKW36UG Datasheet
1Mb / 28P
FRDM-KW36 Freedom Development Board User?셲 Guide
Rev. 4-01/2020
FRDM-K66F NXP-FRDM-K66F Datasheet
1Mb / 26P
Freedom FRDM-K66F Development Platform User?셲 Guide
Rev. 0 02/2016
FRDMLVBLDCUG NXP-FRDMLVBLDCUG Datasheet
427Kb / 6P
Freedom FRDM-MC-LVBLDC Development Platform User?셲 Guide
0 , 02/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com