Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRDM-KW40Z Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
Freescale Semiconductor, Inc.
11
FRDM-KW40Z development board
RF
ISM and MBAN frequency range
2360
—
2483
MHz
—
RF receiver
Saturation (maximum input level)
—
+0
—
dBm
See the data sheet
Sensitivity for 1 % packet error rate
(PER) (+25 °C) 802.15.4
—
-102
—
dBm
See the data sheet
Sensitivity for 1 % packet error rate
(PER) (+25 °C) BLE
—
-91
—
dBm
See the data sheet
RF transmitter
RF power output
-20
—
+5
dBm
Programmable in steps.
At the antenna feed with no harmonic trap.1
2nd harmonic
—
50
40
dBm
See the data sheet
3rd harmonic
—
50
40
dBm
See the data sheet
Regulatory approval
FCC
—
—
—
—
Product is approved according to the FCC part
15 Standard.
CE (ETSI)
—
—
—
—
Product is approved according to the EN 300
328 V1.7.1 (2006-10) Standard.
CE (EMC)
—
—
—
—
Product is approved according to the EN 301
489-1 V1.6.1 (2005-09) and EN 301 489-17
V1.2.1 (2002-08) s=Standards.
Safety
UL
—
—
—
—
Product is approved according to the IEC
60950-1 and EN 60950-1, First Edition
Standards.
Environment
RoHS
—
—
—
—
Product complies with the EU Directive
2002/95/EC of 27 January 2003.
WEEE
—
—
—
—
Product complies with the EU Directive
2002/95/EC of 27 January 2003.
1 Harmonic trap will add 1-2 dB of loss
Table 1. FRDM-KW40Z board specifications (continued)
Parameter
Min
Typ
Max
Units
Notes/Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com