Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP5500AFYA Datasheet(PDF) 21 Page - Texas Instruments

Part # DLP5500AFYA
Description  0.55 XGA Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP5500AFYA Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLP5500AFYA Datasheet HTML 17Page - Texas Instruments DLP5500AFYA Datasheet HTML 18Page - Texas Instruments DLP5500AFYA Datasheet HTML 19Page - Texas Instruments DLP5500AFYA Datasheet HTML 20Page - Texas Instruments DLP5500AFYA Datasheet HTML 21Page - Texas Instruments DLP5500AFYA Datasheet HTML 22Page - Texas Instruments DLP5500AFYA Datasheet HTML 23Page - Texas Instruments DLP5500AFYA Datasheet HTML 24Page - Texas Instruments DLP5500AFYA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DLP5500
www.ti.com
DLPS013F – APRIL 2010 – REVISED MAY 2015
9.3 Feature Description
The DLP5500 device consists of 786,432 highly reflective, digitally switchable, micrometer-sized mirrors
(micromirrors) organized in a two-dimensional orthogonal pixel array. Refer to Figure 11 and Figure 13.
Each aluminum micromirror is switchable between two discrete angular positions, –a and +a. The angular
positions are measured relative to the micromirror array plane, which is parallel to the silicon substrate. Refer to
Micromirror Array Optical Characteristics and Figure 14.
The parked position of the micromirror is not a latched position and is therefore not necessarily perfectly parallel
to the array plane. Individual micromirror flat state angular positions may vary. Tilt direction of the micromirror is
perpendicular to the hinge-axis. The on-state landed position is directed toward the left-top edge of the package,
as shown in Figure 13.
Each individual micromirror is positioned over a corresponding CMOS memory cell. The angular position of a
specific micromirror is determined by the binary state (logic 0 or 1) of the corresponding CMOS memory cell
contents, after the mirror clocking pulse is applied. The angular position (–a and +a) of the individual
micromirrors changes synchronously with a micromirror clocking pulse, rather than being coincident with the
CMOS memory cell data update.
Writing logic 1 into a memory cell followed by a mirror clocking pulse results in the corresponding micromirror
switching to the +a position. Writing logic 0 into a memory cell followed by a mirror clocking pulse results in the
corresponding micromirror switching to the – a position.
Updating the angular position of the micromirror array consists of two steps. First, update the contents of the
CMOS memory. Second, apply a micromirror clocking pulse (reset) to all or a portion of the micromirror array
(depending upon the configuration of the system). Micromirror reset pulses are generated externally by the
DLPC200 controller in conjunction with the DLPA200 analog driver, with application of the pulses being
coordinated by the DLPC200 controller.
For more information, see the TI application report DLPA008, DMD101: Introduction to Digital Micromirror Device
(DMD) Technology.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DLP5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com