Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP5500AFYA Datasheet(PDF) 13 Page - Texas Instruments

Part # DLP5500AFYA
Description  0.55 XGA Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP5500AFYA Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP5500AFYA Datasheet HTML 9Page - Texas Instruments DLP5500AFYA Datasheet HTML 10Page - Texas Instruments DLP5500AFYA Datasheet HTML 11Page - Texas Instruments DLP5500AFYA Datasheet HTML 12Page - Texas Instruments DLP5500AFYA Datasheet HTML 13Page - Texas Instruments DLP5500AFYA Datasheet HTML 14Page - Texas Instruments DLP5500AFYA Datasheet HTML 15Page - Texas Instruments DLP5500AFYA Datasheet HTML 16Page - Texas Instruments DLP5500AFYA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
V
CM
VLVDS (v)
V
ID
T
r (20% - 80%)
T
f (20% - 80%)
Time
VLVDSmax
V
LVDS min
V
= V
+ |½V |
ID
LVDSmax
CM
V
LVDS = VCM +/- | 1/2 V ID |
V
LVDS min = 0
DLP5500
www.ti.com
DLPS013F – APRIL 2010 – REVISED MAY 2015
Not to scale.
Refer to LVDS Interface section of the Recommended Operating Conditions.
Figure 6. LVDS Waveform Requirements
Refer to LVDS Interface section of the Recommended Operating Conditions.
Refer to Pin Configuration and Functions for list of LVDS pins.
Figure 7. LVDS Equivalent Input Circuit
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DLP5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com