Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3515 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 1 Page - Analog Devices

  SSM3515 Datasheet HTML 1Page - Analog Devices SSM3515 Datasheet HTML 2Page - Analog Devices SSM3515 Datasheet HTML 3Page - Analog Devices SSM3515 Datasheet HTML 4Page - Analog Devices SSM3515 Datasheet HTML 5Page - Analog Devices SSM3515 Datasheet HTML 6Page - Analog Devices SSM3515 Datasheet HTML 7Page - Analog Devices SSM3515 Datasheet HTML 8Page - Analog Devices SSM3515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
31 W, Filterless, Class-D Digital Input
Audio Amplifier
Data Sheet
SSM3515
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Filterless digital input, mono Class-D amplifier
Operates from a single 4.5 V to 17 V supply
31.3W output power, 17 V supply, and 4 Ω load at 1% THD + N
107 dB A-weighted signal-to-noise ratio
93.3% efficiency into 8 Ω load at 12 V
I2C control with up to 4 pin selectable slots/addresses
Supports multiple serial data formats up to TDM16
Digital interface supports sample rates from 8 kHz to 192 kHz
Flexible digital and analog gain adjustment
Flexible supply monitoring AGC function
6.55 mA quiescent current with single 17 V PVDD supply
Short-circuit and thermal protection, thermal warning
20-ball, 1.8 mm × 2.2 mm, 0.4 mm pitch WLCSP
Pop and click suppression
User selectable ultralow EMI emissions mode
Power-on reset
APPLICATIONS
Notebooks
Portable electronics
Home audio
GENERAL DESCRIPTION
The SSM3515 is a fully integrated, high efficiency, mono Class-D
audio amplifier with digital inputs. The application circuit
requires a minimum of external components and can operate
from a single 4.5 V to 17 V supply. It can deliver 8.4 W of output
power into an 8 Ω load or 15.8 W into an 4 Ω load from a 12 V
power supply, or 31.3 W into an 4 Ω load from a 17 V power
supply, all with 1% THD + N.
The SSM3515 features a high efficiency, low noise modulation
scheme that requires no external LC output filters. This scheme
provides high efficiency even at low output power. It operates
with 92% efficiency at 7 W into an 8 Ω load or 88% efficiency at
15 W into 4 Ω from a 12 V supply.
Spread spectrum pulse density modulation provides lower EMI
radiated emissions compared with other Class-D architectures,
particularly above 100 MHz.
The digital input eliminates the need for an external digital-to-
analog converter (DAC). The SSM3515 has a micropower
shutdown mode with a typical shutdown current of 39 nA at
the 12 V PVDD supply. The device also includes pop and click
suppression circuitry that minimizes voltage glitches at the
output during turn on and turn off.
The SSM3515 operates with or without an I2C control interface.
The SSM3515 is specified over the commercial temperature range
(−40°C to +85°C). It has built in thermal shutdown and output
short-circuit protection. It is available in a halide-free, 20-ball,
1.8 mm × 2.2 mm wafer-level chip scale package (WLCSP).
FUNCTIONAL BLOCK DIAGRAM
BCLK
FSYNC
SDATA
OUT+
OUT–
VREG50/AVDD
5V
VREG18/DVDD
AGND
REG_EN
PVDD
PGND
SCL
SDA
ADDR
I2C
TDM
I2S
INPUT
VOLUME
DAC
FULL
BRIDGE
POWER
STAGE
Σ-Δ
CLASS-D
MODULATOR
BST–
BST+
SSM3515
1.8V
Figure 1.


Similar Part No. - SSM3515

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
Audio Amplifier
1/2017-Rev. 0 to Rev. A
SSM3515CCBZ-R7 AD-SSM3515CCBZ-R7 Datasheet
1Mb / 41P
Audio Amplifier
1/2017-Rev. 0 to Rev. A
SSM3515CCBZ-RL AD-SSM3515CCBZ-RL Datasheet
1Mb / 41P
Audio Amplifier
1/2017-Rev. 0 to Rev. A
SSM3515 AD-SSM3515_17 Datasheet
1Mb / 41P
Audio Amplifier
1/2017-Rev. 0 to Rev. A
More results

Similar Description - SSM3515

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
2 W Filterless Class-D Stereo Audio Amplifier
7/06-Revision 0
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
logo
Analog Devices
SSM3582 AD-SSM3582 Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
Digital Input 2 W Class-D Audio Power Amplifier
7/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com