Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3515 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 3 Page - Analog Devices

  SSM3515 Datasheet HTML 1Page - Analog Devices SSM3515 Datasheet HTML 2Page - Analog Devices SSM3515 Datasheet HTML 3Page - Analog Devices SSM3515 Datasheet HTML 4Page - Analog Devices SSM3515 Datasheet HTML 5Page - Analog Devices SSM3515 Datasheet HTML 6Page - Analog Devices SSM3515 Datasheet HTML 7Page - Analog Devices SSM3515 Datasheet HTML 8Page - Analog Devices SSM3515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Data Sheet
SSM3515
Rev. 0| Page 3 of 41
SPECIFICATIONS
PVDD = 12 V, VREG50/AVDD = 5 V (internal), VREG18/DVDD = 1.8 V (external), RL = 8 Ω + 33 μH, BCLK = 3.072 MHz and FSYNC =
48 kHz, TA = −40°C to +85°C, unless otherwise noted. The measurements are with a 20 kHz AES17 low-pass filter. The other load
impedances used are 4 Ω + 15 μH and 3 Ω +10 μH. Measurements are with a 20 kHz AES17 low-pass filter, unless otherwise noted.
The sine wave output powers above 20 W in 4 Ω cannot be continuous and may invoke the thermal limit indicator based on the power
dissipation capability of the board.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Power/Channel
POUT
f = 1 kHz
RL = 8 Ω
THD + N = 1%, PVDD = 17 V
16
W
THD + N = 1%, PVDD = 12 V
8.4
W
THD + N = 1%, PVDD = 7 V
2.8
W
THD + N = 1%, PVDD = 5 V
1.4
W
THD + N = 10%, PVDD = 17 V
19.7
W
THD + N = 10%, PVDD = 12 V
10.5
W
THD + N = 10%, PVDD = 7 V
3.5
W
THD + N = 10%, PVDD = 5 V
1.8
W
RL = 4 Ω
THD + N = 1%, PVDD = 17 V
31.3
W
THD + N = 1%, PVDD = 12 V
15.8
W
THD + N = 1%, PVDD = 7 V
5.4
W
THD + N = 1%, PVDD = 5 V
2.8
W
THD + N = 10%, PVDD = 17 V
39.3
W
THD + N = 10%, PVDD = 12 V
19.7
W
THD + N = 10%, PVDD = 7 V
6.7
W
THD + N = 10%, PVDD = 5 V
3.4
W
Efficiency
η
POUT = 9 W, RL = 8 Ω, PVDD = 12 V
93.3
%
POUT = 9 W, RL = 8 Ω, PVDD = 12 V (low EMI mode)
93.2
%
POUT = 30 W, RL = 4 Ω, PVDD = 17 V
88
%
POUT = 30 W, RL = 4 Ω, PVDD = 17 V (low EMI mode)
87.8
%
Total Harmonic
Distortion + Noise
THD + N
POUT = 5 W into RL = 8 Ω, f = 1 kHz, PVDD = 16 V
0.004
%
Load Resistance
3
Ω
Load Inductance
5
10
μH
Output FET On Resistance
RON
110
mΩ
Overcurrent Protection
Trip Point
IOC
5.8
A peak
Average Switching
Frequency
fSW
300
kHz
Differential Output DC
Offset Voltage
VOOS
Gain = 12.6 V
±1
±5.0
mV
POWER SUPPLIES
Supply Voltage Range
PVDD
Guaranteed from PSRR test
4.5
17
V
VREG50/AVDD
Internal
4.5
5.0
5.5
V
VREG18/DVDD
Internal or external
1.62
1.80
1.98
V
AC Power Supply
Rejection Ratio
PSRRAC
VRIPPLE = 1 V rms at 1 kHz
87
73
dB
GAIN CONTROL
Measured with 0 dBFS input at 1 kHz
Output Voltage Peak
Analog gain setting = 8.4 V/V with PVDD = 17 V
8.4
V peak
Analog gain setting = 12.6 V/V with PVDD = 17 V
12.6
V peak
Analog gain setting = 14.0 V/V with PVDD = 17 V
14
V peak
Analog gain setting = 15.0 V/V with PVDD = 17 V
15
V peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com