Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3515 Datasheet(PDF) 30 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 30 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 26Page - Analog Devices SSM3515 Datasheet HTML 27Page - Analog Devices SSM3515 Datasheet HTML 28Page - Analog Devices SSM3515 Datasheet HTML 29Page - Analog Devices SSM3515 Datasheet HTML 30Page - Analog Devices SSM3515 Datasheet HTML 31Page - Analog Devices SSM3515 Datasheet HTML 32Page - Analog Devices SSM3515 Datasheet HTML 33Page - Analog Devices SSM3515 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
SSM3515
Data Sheet
Rev. 0| Page 30 of 41
REGISTER DETAILS
POWER CONTROL REGISTER
Address: 0x00, Reset: 0x81, Name: Power Control
Table 21. Bit Descriptions for Power Control
Bits
Bit Name
Settings
Description
Reset
Access
7
APWDN_EN
Auto Power-Down Enable. Auto power-down automatically puts the IC in a low
power state when 2048 consecutive zero input samples have been received.
0x1
R/W
0
Auto Power-Down Disabled.
1
Auto Power-Down Enabled. When APWDN_EN = 1 the device automatically
powers down when 2048 consecutive zero value input samples have been
received. The device automatically powers up when a single nonzero sample is
received.
6
BSNS_PWDN
Battery Voltage Sense Power-Down.
0x0
R/W
0
Battery Voltage Sense Powered On.
1
Battery Voltage Sense Powered Off.
[5:2]
RESERVED
Reserved.
0x0
R/W
1
S_RST
Full Software Reset.
0x0
W
0
Normal Operation.
1
Reset all Blocks and I2C Registers.
0
SPWDN
Master Software Power-Down. Software power-down puts all blocks except the I2C
interface in a low-power state.
0x1
R/W
0
Normal Operation.
1
Software Master Power-Down.
GAIN AND EDGE CONTROL REGISTER
Address: 0x01, Reset: 0x01, Name: Gain and Edge Control
Table 22. Bit Descriptions for Gain and Edge Control
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R/W
7
0
6
0
5
0
4
0
3
0
2
0
1
0
0
1
[7:5] RESERVED
[1:0] ANA_GAIN (R/W)
Amp Analog Gain Selection
00: 8.4V Full-Scale Gain Mapping.
01: 12.6V Full-Scale Gain Mapping.
10: 14V Full-Scale Gain Mapping.
11: 15V Full-Scale Gain Mapping.
[4] EDGE (R/W)
Edge Rate Control
0: Normal Operation.
1: Low EMI Mode Operation.
[3:2] RESERVED
7
1
6
0
5
0
4
0
3
0
2
0
1
0
0
1
[7] APWDN_EN (R/W)
Auto Power-Down Enable
0: Auto Power-Down Disabled.
1: Auto Power-Down Enabled.
[0] SPWDN (R/W)
Master Software Power-Down
0: Normal Operation.
1: Software Master Power-Down.
[6] BSNS_PWDN (R/W)
Battery Voltage Sense Power-Down
0: Battery Voltage Sense Powered On.
1: Battery Voltage Sense Powered Off.
[1] S_RST (W)
Full Software Reset
0: Normal Operation.
1: Reset all blocks and I2C registers.
[5:2] RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com