Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 39Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 40Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 41Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 42Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 43Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 44Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 45Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 46Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 43 of 51
Jan 15, 2014
The setting “1 sample every 128” should be used for extremely low phenomena when running at very low speed.
Let’s start with an intermediate value and adjust it in order to see some periods of the current or the phase.
When the motor is running, you can adjust the speed PI parameters.
Please follow the procedure: while running at a medium speed range: 2 times the minimum speed.
In our example, the speed is set to 2000 RPM
Start by increasing the Parameter n°13 (Kp) until the instability that can be display in the current or phase waveform
window.
Add a step of “50” and click “write” to see the effect and keep on increasing it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com