| Electronic Components Datasheet Search |
|
UM-YROTATE-IT-RX62T Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UM-YROTATE-IT-RX62T Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 54 page ![]() RX62T YROTATE-IT-RX62T Motor Control Kit UM-YROTATE-IT-RX62T Rev.1.00 Page 30 of 51 Jan 15, 2014 15. Start-up procedure When the motor is in stand-still, the phase of the permanent magnet flux vector cannot be detected with the used algorithm. So an appropriate start-up procedure has to be applied. The idea is to move the motor in feed-forward (with higher current than that required to win the load), till a speed at which the estimation algorithm can work. Then the system can be aligned to the estimated phase, and the current can be reduced to the strictly necessary quantity. The following graph illustrates the strategy used (the suffix “ref“ stands for reference, the suffix “mea“ stands for measured). Referring to the graph, the startup procedure (in case of three shunts current reading) is described below. a) At the beginning t0, the system phase is unknown. No current is imposed to the motor; the system phase is arbitrarily decided to be ϑ a=0. All the references: idref, iqref and speedref are set to zero. b) From the moment t0, while the iqref and the speedref are maintained to zero, idref is increased with a ramp till the value istart is reached at the moment t1. The references are referred to an arbitrary (da, qa) system based on the arbitrary phase ϑ a. From this moment, the phase estimation algorithm begins to be performed, and the estimated phase ϑ est is used to calculate the components of the measured current, referred to the (d, q) system based on the estimated phase, idmea and iqmea. The components of the current referred to the arbitrary (da, qa) system are controlled to follow the references by the current PI controllers. On the other hand, since the phase ϑ est is still not correctly estimated, idmea and iqmea have no physical meaning. Even if they are not shown in the graph, the applied voltages are subjected to the same treatment (vdmea and vqmea are calculated in the algorithm). c) At t = t1, while iqref is maintained to zero and idref is maintained to its value istart, speedref is increased with a ramp till the value sstart is reached at the t = t2. The system phase ϑ a(t) is obtained simply by integration of speedref; in the meanwhile, the phase estimation algorithm begins to align with the real system phase. t1 t0 t2 t3 t istart sstart id0 iq0 speedref idref iqref idmea iqmea |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |