Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1133 Datasheet(PDF) 58 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 58 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 54Page - Microchip Technology CAP1133 Datasheet HTML 55Page - Microchip Technology CAP1133 Datasheet HTML 56Page - Microchip Technology CAP1133 Datasheet HTML 57Page - Microchip Technology CAP1133 Datasheet HTML 58Page - Microchip Technology CAP1133 Datasheet HTML 59Page - Microchip Technology CAP1133 Datasheet HTML 60Page - Microchip Technology CAP1133 Datasheet HTML 61Page - Microchip Technology CAP1133 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
CAP1133
DS00001625B-page 58
 2015 Microchip Technology Inc.
APPENDIX B:
DATA SHEET REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00001625B (02-09-15)
Features, Table 2-2, Table 2-
2, "Pin Types", Section 5.0,
"General Description"
References to BC-Link Interface, BC_DATA, BC_-
CLK, BC-IRQ#, BC-Link bus have been removed
Application Note under Table
2-6
[BC-Link] hidden in data sheet
Table 3-2, "Electrical Specifi-
cations"
BC-Link Timing Section hidden in data sheet
Table 4-1
Protocol Used for 68K Pull Down Resistor changed
from “BC-Link Communications” to “Reserved”
Section 4.2.2, "SMBus
Address and RD / WR Bit"
Replaced “client address” with “slave address” in this
section.
Section 4.2.4, SMBus ACK
and NACK Bits, Section 4.2.5,
SMBus Stop Bit,Section 4.2.7,
SMBus and I2C Compatibility
Replaced “client” with “slave” in these sections.
Table 4-3, "Read Byte Proto-
col"
Heading changed from “Client Address” to “Slave
Address”
Table 6-1
Register Name for Register Address 77h changed
from “LED Linked Transition Control” to “Linked LED
Transition Control”
Section 6.30
changed CS3 to LED3
Section 7.7 Package Marking
Updated package drawing
Appendix A: Device Delta
changed 2Dh to 2Fh in item #12
Product Identification System
Removed BC-Link references
REV A
REV A replaces previous SMSC version Rev. 1.32 (01-05-12)
Rev. 1.32 (01-05-12)
Table 3-2, "Electrical Specifi-
cations"
Added conditions for tHD:DAT.
Section 4.2.7, "SMBus and
I2C Compatibility"
Renamed from “SMBus and I2C Compliance.”
First paragraph, added last sentence: “For informa-
tion on using the CAP1188 in an I2C system, refer to
SMSC AN 14.0 SMSC Dedicated Slave Devices in
I2C Systems.”
Added: CAP1188 supports I2C fast mode at 400kHz.
This covers the SMBus max time of 100kHz.
Section 6.4, "Sensor Input
Delta Count Registers"
Changed negative value cap from FFh to 80h.
Rev. 1.31 (08-18-11)
Section 4.3.3, "SMBus Send
Byte"
Added an application note: The Send Byte protocol
is not functional in Deep Sleep (i.e., DSLEEP bit is
set).
Section 4.3.4, "SMBus
Receive Byte"
Added an application note: The Receive Byte proto-
col is not functional in Deep Sleep (i.e., DSLEEP bit
is set).
Section 6.2, "Status Regis-
ters"
Removed RESET as bit 3 in register 02h.
Rev. 1.3 (05-18-11)
Section 6.42, "Revision Reg-
ister"
Updated revision ID from 82h to 83h.
Section 6.2, "Status Regis-
ters"
Added RESET as bit 3 in register 02h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com