Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3503 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 17Page - Microchip Technology USB3503 Datasheet HTML 18Page - Microchip Technology USB3503 Datasheet HTML 19Page - Microchip Technology USB3503 Datasheet HTML 20Page - Microchip Technology USB3503 Datasheet HTML 21Page - Microchip Technology USB3503 Datasheet HTML 22Page - Microchip Technology USB3503 Datasheet HTML 23Page - Microchip Technology USB3503 Datasheet HTML 24Page - Microchip Technology USB3503 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 21
USB3503
5.3
Serial Interface Register Definitions
5.3.1
REGISTER 00H: VENDOR ID (LSB) - VIDL
Default = 0x24h - Corresponds to Vendor ID.
5.3.2
REGISTER 01H: VENDOR ID (MSB) - VIDM
Default = 0x04h - Corresponds to Vendor ID.
5.3.3
REGISTER 02H: PRODUCT ID (LSB) - PIDL
Default = 0x03h - Corresponds to USB part number for 3-port device.
5.3.4
REGISTER 03H: PRODUCT ID (MSB) - PIDM
Default = 0x35h Corresponds to 3503 device.
5.3.5
REGISTER 04H: DEVICE ID (LSB) - DIDL
Default = 0xA0h
5.3.6
REGISTER 05H: DEVICE ID (MSB) - DIDM
Default = 0xA1h
Bit Number
Bit Name
Description
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the customer using the serial interface options.
Bit Number
Bit Name
Description
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the customer using serial interface options.
Bit Number
Bit Name
Description
7:0
PID_LSB
Least Significant Byte of the Product ID. This is a 16-bit value that the Vendor
can assign that uniquely identifies this particular product (assigned by
customer). This field is set by the customer using the serial interface options.
Bit Number
Bit Name
Description
7:0
PID_MSB
Most Significant Byte of the Product ID. This is a 16-bit value that the Vendor
can assign that uniquely identifies this particular product (assigned by
customer). This field is set by the customer using the serial interface options.
Bit Number
Bit Name
Description
7:0
DID_LSB
Least Significant Byte of the Device ID. This is a 16-bit device release number
in BCD format (assigned by customer). This field is set by the customer using
the serial interface options.
Bit Number
Bit Name
Description
7:0
DID_MSB
Most Significant Byte of the Device ID. This is a 16-bit device release number
in BCD format (assigned by customer). This field is set by the customer using
the serial interface options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com