Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3503 Datasheet(PDF) 39 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 35Page - Microchip Technology USB3503 Datasheet HTML 36Page - Microchip Technology USB3503 Datasheet HTML 37Page - Microchip Technology USB3503 Datasheet HTML 38Page - Microchip Technology USB3503 Datasheet HTML 39Page - Microchip Technology USB3503 Datasheet HTML 40Page - Microchip Technology USB3503 Datasheet HTML 41Page - Microchip Technology USB3503 Datasheet HTML 42Page - Microchip Technology USB3503 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 39
USB3503
7.0
USB DESCRIPTORS
A customer can indirectly affect which descriptors are reported via one of two methods. The two methods are: Internal
Default ROM Configuration, or direct load through the serial port interface.
The Hub will not electrically attach to the USB until after it has loaded valid data for all user- defined descriptor fields
(either through Internal Default ROM, or serial port).
7.1
USB Bus Reset
In response to the upstream port signaling a reset to the Hub, the Hub does the following:
Note 7-1
The Hub does not propagate the upstream USB reset to downstream devices.
• Sets default address to 0.
• Sets configuration to: Unconfigured.
• Negates PRTPWR[3:1] register for all downstream ports.
• Clears all TT buffers.
• Moves device from suspended to active (if suspended).
• Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset sequence.
The Host then configures the Hub and the Hub's downstream port devices in accordance with the USB Specification.
7.2
Hub Attached as a High-Speed Device (Customer-Configured for Single-TT Support
Only)
The following tables provide descriptor information for Customer-Configured Single-TT-Only Hubs attached for use with
High-Speed devices.
7.2.1
STANDARD DEVICE DESCRIPTOR
The following table provides device descriptor values for High-Speed operation.
TABLE 7-1:
DEVICE DESCRIPTOR
Offset
Field
Size
Value
Description
0
Length
1
12h
Size of this Descriptor.
1
DescriptorType
1
01h
Device Descriptor Type.
2
USB
2
0200h
USB Specification Release Number.
4
DeviceClass
1
09h
Class code assigned by USB-IF for Hubs.
5
DeviceSubClass
1
00h
Class code assigned by USB-IF for Hubs.
6
DeviceProtocol
1
01h
Protocol Code.
7
MaxPacketSize0
1
40h
64-byte packet size.
8
Vendor
2
user/
default
Vendor ID; Customer value defined in ROM or serial port
load.
10
Product
2
user/
default
Product ID; Customer value defined in ROM or serial
port load.
12
Device
2
user/
default
Device ID; Customer value defined in ROM or serial port
load
14
Manufacturer
1
xxh
If STRING_EN =0 Optional string is not supported, and
xx = 00.
If STRING_EN = 1, String support is enabled, and
xx = 01
15
Product
1
yyh
If STRING_EN =0 Optional string is not supported, and
yy = 00.
If STRING_EN = 1, String support is enabled, and
yy = 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com