Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3503 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 1 Page - Microchip Technology

  USB3503 Datasheet HTML 1Page - Microchip Technology USB3503 Datasheet HTML 2Page - Microchip Technology USB3503 Datasheet HTML 3Page - Microchip Technology USB3503 Datasheet HTML 4Page - Microchip Technology USB3503 Datasheet HTML 5Page - Microchip Technology USB3503 Datasheet HTML 6Page - Microchip Technology USB3503 Datasheet HTML 7Page - Microchip Technology USB3503 Datasheet HTML 8Page - Microchip Technology USB3503 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 1
Features
• Integrated USB 2.0 Compatible 3-Port Hub.
• HSIC Upstream Port
• Advanced power saving features
-1
μA Typical Standby Current
- Port goes into power saving state when no
devices are connected downstream
- Port is shutdown when port is disabled.
- Digital core shut down in Standby Mode
• Supports either Single-TT or Multi-TT configura-
tions for Full-Speed and Low-Speed connections.
• Enhanced configuration options available through
serial I2C Slave Port
- VID/PID/DID
- String Descriptors
- Configuration options for Hub.
• Internal Default configuration option when serial
I2C host not available.
•MultiTRAKTM
- Dedicated Transaction Translator per port.
•PortMap
- Configurable port mapping and disable
sequencing.
•PortSwap
- Configurable differential intra-pair signal
swapping.
• PHYBoostTM
- Programmable USB transceiver drive
strength for recovering signal integrity
• VariSenseTM
- Programmable USB receiver sensitivity
•flexPWR® Technology
- Low current design ideal for battery powered
applications
• Internal supply switching provides low power
modes
• External 12, 19.2, 24, 25, 26, 27, 38.4, or 52 MHz
clock input
• Internal 3.3V & 1.2V Voltage Regulators for single
supply operation.
- External VBAT and 1.8V dual supply input
option
• Internal Short Circuit protection of USB differential
signal pins.
• USB Port ESD Protection (DP/DM)
- ±15kV (air and contact discharge)
- IEC 61000-4-2 level 4 ESD protection without
external devices
• 25-pin WLCS (1.97mm x 1.97mm Wafer Level
Chip Scale) Package - 0.4mm ball pitch
• 32-pin SQFN (5.0 mm x 5.0 mm) Package
Applications
The USB3503 is targeted for applications where more
than one USB port is required. As mobile devices add
more features and the systems become more complex
it is necessary to have more than one USB port to take
communicate with the internal and peripheral devices.
• Mobile Phones
• Tablet Computers
• Ultra Mobile PCs
• Digital Still Cameras
• Digital Video Camcorders
• Gaming Consoles
•PDAs
• Portable Media Players
• GPS Personal Navigation Devices
• Media Players/Viewers
USB3503
USB 2.0 HSIC High-Speed Hub Controller Optimized
for Portable Applications


Similar Part No. - USB3503

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3503 SMSC-USB3503 Datasheet
1Mb / 82P
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
USB3503A-1-GL-TR SMSC-USB3503A-1-GL-TR Datasheet
1Mb / 82P
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
USB3503AI-1-GL-TR SMSC-USB3503AI-1-GL-TR Datasheet
1Mb / 82P
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
More results

Similar Description - USB3503

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB4640 SMSC-USB4640 Datasheet
1Mb / 64P
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
LAN9730-ABZJ SMSC-LAN9730-ABZJ Datasheet
1Mb / 61P
High-Speed Inter-Chip (HSIC) USB 2.0
USB3503 SMSC-USB3503 Datasheet
1Mb / 82P
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624 SMSC-USB4624 Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
USB 2.0 High-Speed Hub Controller Optimized
01/27/15
USB4604 MICROCHIP-USB4604 Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB4624 MICROCHIP-USB4624 Datasheet
616Kb / 58P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB84604 MICROCHIP-USB84604 Datasheet
730Kb / 61P
USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
06/23/16
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com