Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400IPZPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZPR
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS5400IPZPR Datasheet HTML 35Page - Texas Instruments ADS5400IPZPR Datasheet HTML 36Page - Texas Instruments ADS5400IPZPR Datasheet HTML 37Page - Texas Instruments ADS5400IPZPR Datasheet HTML 38Page - Texas Instruments ADS5400IPZPR Datasheet HTML 39Page - Texas Instruments ADS5400IPZPR Datasheet HTML 40Page - Texas Instruments ADS5400IPZPR Datasheet HTML 41Page - Texas Instruments ADS5400IPZPR Datasheet HTML 42Page - Texas Instruments ADS5400IPZPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
VIN (50
)
ADS5400
53 pF
53 pF
26 pF
26 nH
26 nH
VCM = 2.5 V
VCM
0.01 µF
Amplifier Supply Voltage:
Vs+ = 5 V
Vs± = 0 V
2.5 V
+
±
40
10
40
10
200
12.5
12.5
50
200
LMH4301
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
In the design of any application involving a high-speed data converter, particular attention should be paid to the
design of the analog input, the clocking solution, and careful layout of the clock and analog signals. The
ADS5400 evaluation module (EVM) is one practical example of the design of the analog input circuit and clocking
solution, as well as a practical example of good circuit board layout practices around the ADC.
8.2 Typical Application
The analog inputs of the ADS5400 must be fully differential and biased to an appropriate common mode voltage,
VCM. It is rare that the end equipment will have a signal that already meets the requisite amplitude and common
mode and is fully differential. Therefore, there will be a signal conditioning circuit for the analog input. If the
amplitude of the input circuit is such that no gain is needed to make full use of the full-scale range of the ADC,
then a transformer coupled circuit as used on the EVM may be used with good results. The transformer coupling
is inherently low-noise, and inherently AC-coupled so that the signal may be biased to VCM after the transformer
coupling.
If signal gain is required, or the input bandwidth is to include the spectrum all the way down to DC such that AC
coupling is not possible, then an amplifier-based signal conditioning circuit would be required. Figure 37 shows
LMH3401 interfaced with ADS5400. LMH3401 is configured to have to Single-Ended input with a differential
outputs follow by 1st Nyquist based low pass filter with 400 MHz bandwidth. Figure 37 also shows the power
supply recommendations for the amplifier.
Figure 37. ADS5400 Input Circuit Using an LMH3401 Fully Differential Amplifier
Clocking a High Speed ADC such as the ADS5400 requires a fully differential clock signal from a clean, low-jitter
clock source and driven by an appropriate clock buffer, often with LVPECL or LVDS signaling levels. The sample
clock must be biased up to the appropriate common-mode voltage, and the ADS5400 will internally bias the clock
to the appropriate common-mode voltage if the clock signal is AC-coupled as shown in Figure 38.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com