Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400IPZPR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZPR
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADS5400IPZPR Datasheet HTML 43Page - Texas Instruments ADS5400IPZPR Datasheet HTML 44Page - Texas Instruments ADS5400IPZPR Datasheet HTML 45Page - Texas Instruments ADS5400IPZPR Datasheet HTML 46Page - Texas Instruments ADS5400IPZPR Datasheet HTML 47Page - Texas Instruments ADS5400IPZPR Datasheet HTML 48Page - Texas Instruments ADS5400IPZPR Datasheet HTML 49Page - Texas Instruments ADS5400IPZPR Datasheet HTML 50Page - Texas Instruments ADS5400IPZPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
s
10
N
P
THD
10Log
P
=
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Device Support (continued)
Total Harmonic Distortion (THD) THD is the ratio of the power of the fundamental (PS) to the power of the first
five harmonics (PD).
(10)
THD is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion (IMD3) IMD3 is the ratio of the power of the fundamental (at
frequencies f1, f2) to the power of the worst spectral component at either frequency 2f1 – f2 or 2f2 –
f1). IMD3 is given in units of either dBc (dB to carrier) when the absolute power of the fundamental
is used as the reference, or dBFS (dB to full scale) when the power of the fundamental is
extrapolated to the converter’s full-scale range.
11.2 Documentation Support
11.2.1 Related Documentation
For related documentation see the following:
•
ADS5400 EVM User Guide, SLAU293
•
Clocking High-Speed Data Converters, SLYT075
•
PowerPAD Made Easy, SLMA004
•
PowerPAD Thermally Enhanced Package, SLMA002
11.3 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.4 Trademarks
PowerPAD, E2E are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
11.5 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
11.6 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com