Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400IPZPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZPR
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5400IPZPR Datasheet HTML 9Page - Texas Instruments ADS5400IPZPR Datasheet HTML 10Page - Texas Instruments ADS5400IPZPR Datasheet HTML 11Page - Texas Instruments ADS5400IPZPR Datasheet HTML 12Page - Texas Instruments ADS5400IPZPR Datasheet HTML 13Page - Texas Instruments ADS5400IPZPR Datasheet HTML 14Page - Texas Instruments ADS5400IPZPR Datasheet HTML 15Page - Texas Instruments ADS5400IPZPR Datasheet HTML 16Page - Texas Instruments ADS5400IPZPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
CLKINP
RESETP
CLKOUT isresetafter 3.5 CLKINcycles (+ tPD-CLKDIV2 )
Phase 0: CLKOUT indesired
stateafterpowerup
Phase 1: misalignedby
1 clockafterpowerup
tPD-CLKDIV2
tRSU
tRH
DATA BUS A
N
SYNCOUTA
(OVRA pins)
Sync
SampleNandRESET pulse
capturedhere
CLKOUTAP
IfSYNCmodeisenabled,
theOVRA pinsbecomeSYNCOUTA pins
LatencyofNandSYNCOUTA arematchedto 7 CLKINcycles
t
tsu
th
PD-ADATA
N+1
N-1
tCLKL
tCLKH
N
ta
N+1
DIFFERENTIAL
ANALOGINPUT
(INP-INN)
Aperture
delay
N+2
N+2
N
output
N+1
output
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Propagation delays and setup/hold times not drawn to scale. RESET and SYNCOUT are optional. Any clock phase
will work properly, but makes synchronization of data capture across multiple ADCs difficult without a known CLKOUT
phase. RESET can be a single pulse (as shown), low-to-high step or repetitive pulse input signal. The frequency of
repetitive RESET pulses should not exceed CLKIN/2, and should be an even divisor of CLKIN, to keep the CLKOUT
phase the same with each RESET event. SYNCOUTA transitions with the same latency as the sample that is present
when the RESET pulse is captured, shown here as sample N. Each RESET captured generates a SYNCOUT pulse,
which behaves as a data bit. Bus B is not active in single bus mode.
Figure 1. Single Bus Mode
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com