Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8810 Datasheet(PDF) 30 Page - Microchip Technology

Part # LAN8810
Description  GMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8810 Datasheet(HTML) 30 Page - Microchip Technology

Back Button LAN8810 Datasheet HTML 26Page - Microchip Technology LAN8810 Datasheet HTML 27Page - Microchip Technology LAN8810 Datasheet HTML 28Page - Microchip Technology LAN8810 Datasheet HTML 29Page - Microchip Technology LAN8810 Datasheet HTML 30Page - Microchip Technology LAN8810 Datasheet HTML 31Page - Microchip Technology LAN8810 Datasheet HTML 32Page - Microchip Technology LAN8810 Datasheet HTML 33Page - Microchip Technology LAN8810 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
LAN8810/LAN8810I
DS00001870B-page 30
 2009-2015 Microchip Technology Inc.
• If auto-negotiation is not enabled, the device transmits NLPs in 10BASE-T mode, and MLT-3s in 100BASE-TX
mode.
3.9.7
SPEED OPTIMIZER
The Speed Optimize function is designed to resolve the issue of using auto-negotiation to establish a link on impaired
cable plants.
Examples of impaired cable plants for 1000BASE-T (Gigabit) connections include:
• Channel 2 twisted pair cable plant is broken
• Channel 3 twisted pair cable plant is broken
• Channel 2 and 3 twisted pair cable plants are broken
• Cable plant is too long
Examples of impaired cable plants for 100BASE-TX connections include:
• Cable plant is too long
• Using wrong cable plant (such as CAT-3)
The Speed Optimize function requires the MAC to support 1000/100/10 Mbps speeds, 1000/100 Mbps speeds, 1000/
10 Mbps or 100/10 Mbps speeds.
If a link fails to establish after the link partners go through auto-negotiation several times at the HCD (Highest Common
Denominator), the device advertises the next highest-allowable speed (as set in the Auto Negotiation Advertisement
Register) and restarts auto-negotiation with the new speed.
When 1000BASE-T is advertised, the Speed Optimize function can change its advertised speed from 1000BASE-T to
100BASE-TX and from 100BASE-TX to 10BASE-T. When 100BASE-TX is advertised, the Speed Optimize function can
change its advertised speed from 100BASE-TX to 10BASE-T. If a previous link has used the Speed Optimize function
to establish a link, when the link goes down, the device begins advertising with all capable speeds.
The Speed Optimize function resets itself to advertise HCD/all speed capabilities after any of the following occurrences:
• Hardware reset
• Software reset
• While link partners exchange link pulses through the Speed Optimize process, the device does not receive link
pulses for a period of few seconds
• After an established link goes down
The Speed Optimize function is enabled via Speed Optimize Enable bit in the 10/100 Mode Control/Status Register.
When a link (with a speed slower than HCD) is being established through the Speed Optimize process, it is reported via
the Speed Optimize Status bit in the User Status 2 Register.
3.9.8
LOOPBACK OPERATION
The local loopback mode is enabled by setting the Loopback bit of the Basic Control Register. In this mode, the scram-
bled transmit data (output of the scrambler) is looped into the receive logic (input of the descrambler). This mode is use-
ful as a board diagnostic and serves as a quick functional verification of the device. The COL signal will be inactive in
this mode, unless the Collision Test bit of the Basic Control Register is set.
3.9.9
IEEE 1149.1 (JTAG) BOUNDARY SCAN
The device includes an integrated JTAG boundary-scan test port for board-level testing. The interface consists of four
pins (TDO, TDI, TCK and TMS) and includes a state machine, data register array, and an instruction register. The JTAG
pins are described in Table 2-5, "JTAG Pins". The JTAG interface conforms to the IEEE Standard 1149.1 - 1990 Stan-
dard Test Access Port (TAP) and Boundary-Scan Architecture
.
All input and output data is synchronous to the TCK test clock input. TAP input signals TMS and TDI are clocked into
the test logic on the rising edge of TCK, while the output signal TDO is clocked on the falling edge.
The JTAG logic is reset via a hardware reset or when the TMS and TDI pins are high for five TCK periods.
Note:
During transmission in local loopback mode, nothing is transmitted to the line and the transmitters are pow-
ered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com