Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8810 Datasheet(PDF) 74 Page - Microchip Technology

Part # LAN8810
Description  GMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8810 Datasheet(HTML) 74 Page - Microchip Technology

Back Button LAN8810 Datasheet HTML 70Page - Microchip Technology LAN8810 Datasheet HTML 71Page - Microchip Technology LAN8810 Datasheet HTML 72Page - Microchip Technology LAN8810 Datasheet HTML 73Page - Microchip Technology LAN8810 Datasheet HTML 74Page - Microchip Technology LAN8810 Datasheet HTML 75Page - Microchip Technology LAN8810 Datasheet HTML 76Page - Microchip Technology LAN8810 Datasheet HTML 77Page - Microchip Technology LAN8810 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001870B-page 74
LAN8810/LAN8810I
5.5.8
JTAG TIMING
This section specifies the JTAG timing of the device. Please refer to Section 3.9.7, "IEEE 1149.1 (JTAG) Boundary
Scan," on page 30 for additional details.
FIGURE 5-10:
JTAG TIMING
TABLE 5-19:
JTAG TIMING VALUES
Symbol
Description
Min
Max
Units
Notes
ttckp
TCK clock period
66.67
ns
ttckhl
TCK clock high/low time
ttckp*0.4
ttckp*0.6
ns
tsu
TDI, TMS setup to TCK rising edge
10
ns
th
TDI, TMS hold from TCK rising edge
10
ns
tdov
TDO output valid from TCK falling edge
16
ns
tdohinvld
TDO output invalid from TCK falling edge
0
ns
TCK (Input)
TDI, TMS (Inputs)
ttckhl
ttckp
ttckhl
tsu
th
tdov
TDO (Output)
tdohinvld



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com