Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8820I Datasheet(PDF) 78 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 78 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 74Page - Microchip Technology LAN8820I Datasheet HTML 75Page - Microchip Technology LAN8820I Datasheet HTML 76Page - Microchip Technology LAN8820I Datasheet HTML 77Page - Microchip Technology LAN8820I Datasheet HTML 78Page - Microchip Technology LAN8820I Datasheet HTML 79Page - Microchip Technology LAN8820I Datasheet HTML 80Page - Microchip Technology LAN8820I Datasheet HTML 81Page - Microchip Technology LAN8820I Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 78
 2009-2015 Microchip Technology Inc.
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE 6-2:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00001871B
(10-13-15)
Trademark and Sales office listings updated.
All: (Cover, Figure 2-1,
Table 2-3, Table 2-6,
Table 2-8, Table 3-4,
Section 4.3.2, Section 5.6)
Removed references to 125MHz single-ended
clock support and the REF_SEL configuration
strap.
Table 2-3
Updated CONFIG3 pin description to correct list of
connection pins.
Section 4.2.10
Updated bit 11 description (active only when
Manual Config. Enable is 1).
Section 4.2.16
• Added note to MOD bits: “The MOD bits
should not be modified and must be preserved
when writing to this register.”
• Updated bits 8:3 description to indicate they
must be written with specific values.
Section 5.6
Updated second sentence to “If the single-ended
clock oscillator method is implemented, XO should
be left unconnected and XI should be driven with a
nominal 0V-VDD25IO clock signal.”
DS00001871A (12-09-14)
Section 3.6.1, "Hardware
Reset (nRESET)," on
page 22
Updated section with additional details on power-
up sequencing requirements.
Section 5.5.3, "Power-On
Hardware Reset Timing," on
page 67
Updated section with additional details on power-
up sequencing requirements. Section title and
included figures/tables updated.
Rev. 1.1 (06-03-13)
Section 4.2.4, "PHY
Identifier 2 Register," on
page 38
Corrected bits 9:4 default values from 0Ch to 0Eh
Table 2-3, “LED &
Configuration Pins,” on
page 7, Table 3-4,
“Configuration Straps,” on
page 24, Note 4-8 on
page 49, FIGURE 3-3:
RGMII Modes of Operation
on page 19
Updated RGMII_ID_MODE description to correct
polarity: 1=delay enabled, 0=delay disabled.
Section 5.3, "Power
Consumption," on page 61
Updated power consumption numbers
Table 2-3, “LED &
Configuration Pins,” on
page 7, Table 2-6,
“Miscellaneous Pins,” on
page 9, Table 3-4,
“Configuration Straps,” on
page 24, Section 5.6, "Clock
Circuit," on page 75
Updated XI and REFCLK_SEL definitions/info for
clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com