Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 238 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 238 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 234Page - Microchip Technology MEC1322 Datasheet HTML 235Page - Microchip Technology MEC1322 Datasheet HTML 236Page - Microchip Technology MEC1322 Datasheet HTML 237Page - Microchip Technology MEC1322 Datasheet HTML 238Page - Microchip Technology MEC1322 Datasheet HTML 239Page - Microchip Technology MEC1322 Datasheet HTML 240Page - Microchip Technology MEC1322 Datasheet HTML 241Page - Microchip Technology MEC1322 Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 456 page
background image
MEC1322
DS00001719D-page 238
 2014 - 2015 Microchip Technology Inc.
19.11.12 REGISTER B
7
1.953125 ms
8
3.90625 ms
9
7.8125 ms
A
15.625 ms
B
31.25 ms
C
62.5 ms
D
125 ms
E
250 ms
F
500 ms
Offset
0Bh
Bits
Description
Type
Default
Reset
Event
7 UPDATE_CYCLE_INHIBIT
In its default state ‘0’, this bit allows hardware updates to the Time
and Date registers, which occur at 1-second intervals. A ‘1’ written to
this field inhibits updates, allowing these registers to be cleanly writ-
ten to different values. Writing ‘0’ to this bit allows updates to con-
tinue.
R/W
0b
RTC_R
ST
6 PERIODIC_INTERRUPT_ENABLE
1=Alows the Periodic Interrupt events to be propagated as interrupts
0=Periodic events are not propagates as interrupts
R/W
0b
RTC_R
ST
5 ALARM_INTERRUPT_ENABLE
1=Alows the Alarm Interrupt events to be propagated as interrupts
0=Alarm events are not propagates as interrupts
R/W
0b
RTC_R
ST
4 UPDATE_ENDED_INTERRUPT_ENABLE
1=Alows the Update Ended Interrupt events to be propagated as inter-
rupts
0=Update Ended events are not propagates as interrupts
R/W
0b
RTC_R
ST
3Reserved
R
-
-
2DATA_MODE
1=Binary Mode for Dates and Times
0=BCD Mode for Dates and Times
R/W
0b
RTC_R
ST
1 HOUR_FORMAT_24_12
1=24-Hour Format for Hours and Hours Alarm registers. 24-Hour for-
mat keeps the AM/PM bit off, with value range 0--23
0=12-Hour Format for Hours and Hours Alarm registers. 12-Hour for-
mat has an AM/PM bit, and value range 1--12
R/W
0b
RTC_R
ST
TABLE 19-8:
REGISTER A FIELD RS: PERIODIC INTERRUPT SETTINGS (CONTINUED)
RS (hex)
Interrupt Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com