Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 45 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 41Page - Microchip Technology MEC1322 Datasheet HTML 42Page - Microchip Technology MEC1322 Datasheet HTML 43Page - Microchip Technology MEC1322 Datasheet HTML 44Page - Microchip Technology MEC1322 Datasheet HTML 45Page - Microchip Technology MEC1322 Datasheet HTML 46Page - Microchip Technology MEC1322 Datasheet HTML 47Page - Microchip Technology MEC1322 Datasheet HTML 48Page - Microchip Technology MEC1322 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 45
MEC1322
2.0
BLOCK OVERVIEW
This Chapter provides an overview of the blocks in the MEC1322.
The block diagram of the MEC1322 is shown in Figure 2-1.
Table 2-1 on page 46 lists Address Ranges for each of the blocks.
FIGURE 2-1:
BLOCK DIAGRAM
ADC Ch0-4
PECI
Shared
SPI
Master
PWM0
Tach 0
PWM3
LPC
RPM_PWM
Debug
and Test
BC-Link
LED Control (x4)
Glue
Logic
nRESET
_OUT,
VCC1
_RST#
VREF_PECI
GPIO
VBAT Resources
PS/2
PS/2
Crystal
Osc
PM1
ACPI EC (x2)
MBX
8042 KBC
Interfaces
UART
Port92
PnP CFG
Executable SRAM
VBAT RAM
VBAT Regs.
Boot
ROM
Ring
Osc
KB Scan
On-Chip
Clocking
PWM2
SMB0
Port
0
Port
1
Private
SPI
Master
Clock
Gen & Dist
Timer
16-bit x4
Timer
32-bit x2
Hibernation
Timer
WDT
Tach 1
SMB1
Port
0
SMB2
Port
0
SMB3
Port
0
EC_Reg
Bank
TFDP
DMA
Controller
Interrupt
Aggregater
RTC
EMI
PS/2
PS/2
PWM1
ADC to
PWM
EC Core
Floating Point Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com