Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 251 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 251 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 247Page - Microchip Technology MEC1322 Datasheet HTML 248Page - Microchip Technology MEC1322 Datasheet HTML 249Page - Microchip Technology MEC1322 Datasheet HTML 250Page - Microchip Technology MEC1322 Datasheet HTML 251Page - Microchip Technology MEC1322 Datasheet HTML 252Page - Microchip Technology MEC1322 Datasheet HTML 253Page - Microchip Technology MEC1322 Datasheet HTML 254Page - Microchip Technology MEC1322 Datasheet HTML 255Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 251
MEC1322
13:12 Mux Control
The Mux Control field determines the active signal function for a pin.
00 = GPIO Function Selected
01 = Signal Function 1 Selected
10 = Signal Function 2 Selected
11 = Signal Function 3 Selected
R/W
Note 20-5
VCC1_R
ESET
11 Polarity
0 = Non-inverted
1 = Inverted
When the Polarity bit is set to ‘1’ and the Mux Control bits are greater
than ‘00,’ the selected signal function outputs are inverted and Inter-
rupt Detection (int_det) sense defined in Table 20-8, "Edge Enable
and Interrupt Detection Bits Definition" is inverted. When the Mux
Control field selects the GPIO signal function (Mux = ‘00’), the Polar-
ity bit does not effect the output. Regardless of the state of the Mux
Control field and the Polarity bit, the state of the pin is always
reported without inversion in the GPIO input register.
R/W
Note 20-5
VCC1_R
ESET
10 Output GPIO Write Enable
Every GPIO has two mechanisms to set a GPIO data output: Output
GPIO Bit located in the GPIO Output Registers and the Alternative
GPIO data bit located in bit 16 of this register.
This control bit determines the source of the GPIO output.
0 = Alternative GPIO data write enabled
When this bit is zero the Alternative GPIO data write is enabled and
the Output GPIO is disabled.
1 = Output GPIO enable
When this bit is one the Alternative GPIO data write is disabled and
the Output GPIO is enabled.
Note:
See description in Section 20.4, "Accessing GPIOs".
R/W
Note 20-5
VCC1_R
ESET
9GPIO Direction
0 = Input
1 = Output
The GPIO Direction bit controls the buffer direction only when the
Mux Control field is ‘00’ selecting the pin signal function to be
GPIO. When the Mux Control field is greater than ‘00’ (i.e., a non-
GPIO signal function is selected) the GPIO Direction bit has no affect
and the selected signal function logic directly controls the pin direc-
tion.
R/W
Note 20-5
VCC1_R
ESET
Offset
See Note 20-5
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com