Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIO1007 Datasheet(PDF) 42 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 42 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 38Page - Microchip Technology SIO1007 Datasheet HTML 39Page - Microchip Technology SIO1007 Datasheet HTML 40Page - Microchip Technology SIO1007 Datasheet HTML 41Page - Microchip Technology SIO1007 Datasheet HTML 42Page - Microchip Technology SIO1007 Datasheet HTML 43Page - Microchip Technology SIO1007 Datasheet HTML 44Page - Microchip Technology SIO1007 Datasheet HTML 45Page - Microchip Technology SIO1007 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
SIO1007
DS00002020A-page 42
 2005 - 2015 Microchip Technology Inc.
12.1.1
SER_IRQ CYCLE CONTROL
There are two modes of operation for the SER_IRQ Start Frame.
1) Quiet (Active) Mode: Any device may initiate a Start Frame by driving the SER_IRQ low for one clock, while the
SER_IRQ is Idle. After driving low for one clock the SER_IRQ is immediately tri-stated without at any time driving high.
A Start Frame may not be initiated while the SER_IRQ is Active. The SER_IRQ is Idle between Stop and Start Frames.
The SER_IRQ is Active between Start and Stop Frames. This mode of operation allows the SER_IRQ to be Idle when
there are no IRQ/Data transitions which should be most of the time.
Once a Start Frame has been initiated, the Host Controller will take over driving the SER_IRQ low in the next clock and
will continue driving the SER_IRQ low for a programmable period of three to seven clocks. This makes a total low pulse
width of four to eight clocks. Finally, the Host Controller will drive the SER_IRQ back high for one clock, then tri-state.
Any SER_IRQ Device (i.e., The SIO1007) which detects any transition on an IRQ/Data line for which it is responsible
must initiate a Start Frame in order to update the Host Controller unless the SER_IRQ is already in an SER_IRQ Cycle
and the IRQ/Data transition can be delivered in that SER_IRQ Cycle.
2) Continuous (Idle) Mode: Only the Host controller can initiate a Start Frame to update IRQ/Data line information. All
other SER_IRQ agents become passive and may not initiate a Start Frame. SER_IRQ will be driven low for four to eight
clocks by Host Controller. This mode has two functions. It can be used to stop or idle the SER_IRQ or the Host Controller
can operate SER_IRQ in a continuous mode by initiating a Start Frame at the end of every Stop Frame.
An SER_IRQ mode transition can only occur during the Stop Frame. Upon reset, SER_IRQ bus is defaulted to Contin-
uous mode, therefore only the Host controller can initiate the first Start Frame. Slaves must continuously sample the
Stop Frames pulse width to determine the next SER_IRQ Cycle’s mode.
12.1.2
SER_IRQ DATA FRAME
Once a Start Frame has been initiated, the SIO1007 will watch for the rising edge of the Start Pulse and start counting
IRQ/Data Frames from there. Each IRQ/Data Frame is three clocks: Sample phase, Recovery phase, and Turn-around
phase. During the Sample phase, the SIO1007 drives the SER_IRQ low, if and only if, its last detected IRQ/Data value
was low. If its detected IRQ/Data value is high, SER_IRQ is left tri-stated. During the Recovery phase, the SIO1007
drives the SER_IRQ high, if and only if, it had driven the SER_IRQ low during the previous Sample Phase. During the
Turn-around Phase, the SIO1007 tri-states the SER_IRQ. The SIO1007 will drive the SER_IRQ line low at the appro-
priate sample point if its associated IRQ/Data line is low, regardless of which device initiated the Start Frame.
The Sample Phase for each IRQ/Data follows the low to high transition of the Start Frame pulse by a number of clocks
equal to the IRQ/Data Frame times three, minus one. (e.g. The IRQ5 Sample clock is the sixth IRQ/Data Frame, (6 x 3)
- 1 = 17th clock after the rising edge of the Start Pulse).
TABLE 12-1:
SER_IRQ SAMPLING PERIODS
SER_IRQ Period
Signal Sampled
# of Clocks Past Start
1
Not Used
2
2IRQ1
5
3
nIO_SMI/IRQ2
8
4IRQ3
11
5IRQ4
14
6IRQ5
17
7IRQ6
20
8IRQ7
23
9IRQ8
26
10
IRQ9
29
11
IRQ10
32
12
IRQ11
35
13
IRQ12
38
14
IRQ13
41
15
IRQ14
44
16
IRQ15
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com